Electronic Components Datasheet Search |
|
HDSP-K511-IH200 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
HDSP-K511-IH200 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 14 page 8 High Performance Green Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions A51X Luminous Intensity/Segment[1,2] IV 860 3000 µcd IF = 10 mA (Digit Average) 6800 IF = 20 mA F51X, G51X 1030 3500 IF = 10 mA H51X, K51X 900 2500 IF = 10 mA 3100 IF = 60 mA Peak: 1/6 Duty Factor All Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 10 mA Devices Peak Wavelength λ PEAK 566 nm Dominant Wavelength[3,5] λ d 571 577 nm Reverse Voltage/Segment or DP[4] VR 3.0 50 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP A51X Thermal Resistance LED R θ J-PIN 200 °C/W/ Junction-to-Pin Seg. F51X, G51X 320 H51X, G51X 345 Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25 °C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. Green (HDSP-A51X/F51X/G51X/H512X/K51X) series displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter. |
Similar Part No. - HDSP-K511-IH200 |
|
Similar Description - HDSP-K511-IH200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |