Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE23300 Datasheet(PDF) 2 Page - NEC

Part # NE23300
Description  SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE23300 Datasheet(HTML) 2 Page - NEC

  NE23300 Datasheet HTML 1Page - NEC NE23300 Datasheet HTML 2Page - NEC NE23300 Datasheet HTML 3Page - NEC NE23300 Datasheet HTML 4Page - NEC NE23300 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
PT
Total Power Dissipation
mW
200
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.29
21.0
0.82
8
0.39
2
0.31
18.0
0.81
17
0.36
4
0.35
15.0
0.76
41
0.33
6
0.42
13.2
0.71
63
0.30
8
0.52
11.9
0.64
77
0.27
10
0.63
11.0
0.55
95
0.24
12
0.75
10.2
0.48
112
0.22
14
0.9
9.6
0.41
130
0.19
16
1.05
9.0
0.37
144
0.18
18
1.25
8.5
0.35
164
0.15
20
1.5
8.0
0.37
180
0.13
22
1.8
7.6
0.38
-166
0.11
24
2.2
7.3
0.39
-154
0.10
26
2.6
7.0
0.40
-142
0.08
TYPICAL NOISE PARAMETERS1 (TA = 25°C)
VDS = 2 V, IDS = 10 mA
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
Drain Current, IDS (mA)
NOISE FIGURE and GAIN
vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
Note:
1.
Noise Parameters include Bond Wires:
Gate:
Total 2 wires, 1 per bond pad 0.0129" (327
µm)
long each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0118" (300
µm)
long each wire.
Source: Total 4 wires, 2 per side, 0.0071" (180
µm)
long each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
TRANSCONDUCTANCE vs. DRAIN CURRENT
VDS = 2.0 V
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
NE23300
0
0
50
100
150
200
250
50
100 117
150
200
250
Mounted on
Infinite
Heat sink
120
100
80
60
40
20
0
0
10
20
304050
50
40
30
20
10
0
0
0.5
-0.1 V
-0.2 V
-0.3 V
-0.4 V
-0.5 V
1
1.5
2
2.5
3
VGS = 0 V
GA
NF
2.0
1.6
1.2
0.8
0.4
0
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
Tuned at each IDS
Tuned at 10 mA only


Similar Part No. - NE23300

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
More results

Similar Description - NE23300

ManufacturerPart #DatasheetDescription
logo
NEC
NE23383B NEC-NE23383B Datasheet
22Kb / 3P
   SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET (SPACE QUALIFIED)
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
NE24283B NEC-NE24283B Datasheet
39Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com