Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE66719-T1 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE66719-T1
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE66719-T1 Datasheet(HTML) 5 Page - California Eastern Labs

  NE66719-T1 Datasheet HTML 1Page - California Eastern Labs NE66719-T1 Datasheet HTML 2Page - California Eastern Labs NE66719-T1 Datasheet HTML 3Page - California Eastern Labs NE66719-T1 Datasheet HTML 4Page - California Eastern Labs NE66719-T1 Datasheet HTML 5Page - California Eastern Labs NE66719-T1 Datasheet HTML 6Page - California Eastern Labs NE66719-T1 Datasheet HTML 7Page - California Eastern Labs NE66719-T1 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE66719
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
25
20
15
10
5
0
8
10
6
4
2
0
VCE = 2 V
f = 1 GHz
10
100
1
NF
Ga
25
20
15
10
5
0
8
10
6
4
2
0
VCE = 2 V
f = 1.5 GHz
10
100
1
NF
Ga
25
20
15
10
5
0
8
10
6
4
2
0
VCE = 2 V
f = 2 GHz
10
100
1
NF
Ga
25
20
15
10
5
0
8
10
6
4
2
0
VCE = 2 V
f = 2.5 GHz
10
100
1
NF
Ga
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE66719-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04 CEL-NE661M04 Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE661M04-T2 NEC-NE661M04-T2 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
227Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE66719-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com