Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE76038 Datasheet(PDF) 5 Page - NEC

Part # NE76038
Description  LOW NOISE L TO Ku-BAND GaAs MESFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76038 Datasheet(HTML) 5 Page - NEC

  NE76038 Datasheet HTML 1Page - NEC NE76038 Datasheet HTML 2Page - NEC NE76038 Datasheet HTML 3Page - NEC NE76038 Datasheet HTML 4Page - NEC NE76038 Datasheet HTML 5Page - NEC NE76038 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NE76038
CGD_PKG
0.01
DRAIN
RD_PKG
LD_PKG
R_COMP
365
CRF_X
500
LS_PKG
0.18
RS_PKG
0.1
CSD_PKG
CCD_PKG
0.06
CCG_PKG
0.06
CSG_PKG
0.003
0.02
SOURCE
0.38
0.53
0.06
2
LD
RD
RS
4.6
76000
RG
LG
LG_PKG
RG_PKG
GATE
1.3
0.64
0.14
1.5
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
SCHEMATIC
UNITS
MODEL RANGE
Frequency:
0.1 to 18 GHz
Bias:
VDS = 3 V, ID = 10 mA to 30 mA
Date:
8/30/96
NE76038 NONLINEAR MODEL


Similar Part No. - NE76038

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE76038 RENESAS-NE76038 Datasheet
193Kb / 14P
   GaAs MES FET
1990
NE76038-T1 RENESAS-NE76038-T1 Datasheet
193Kb / 14P
   GaAs MES FET
1990
NE76038-T1A RENESAS-NE76038-T1A Datasheet
193Kb / 14P
   GaAs MES FET
1990
More results

Similar Description - NE76038

ManufacturerPart #DatasheetDescription
logo
NEC
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
California Eastern Labs
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
NEC
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
California Eastern Labs
NE67400 CEL-NE67400 Datasheet
110Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE67400B CEL-NE67400B Datasheet
116Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com