Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2021M05-T1-A Datasheet(PDF) 8 Page - California Eastern Labs

Part # NESG2021M05-T1-A
Description  NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG2021M05-T1-A Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NESG2021M05-T1-A Datasheet HTML 4Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 5Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 6Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 7Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 8Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 9Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 10Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 11Page - California Eastern Labs NESG2021M05-T1-A Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NESG2021M05
TYPICAL PERFORMANCE CURVES (TA= 25°C)
Collector Current, IC (mA)
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
6
5
3
2
1
4
0
30
5
10
15
20
25
0
1
10
100
VCE = 2 V
f = 2 GHz
Ga
NF
14
12
10
8
6
4
2
0
14
6
2
4
8
10
12
0
1
10
100
VCE = 1 V
f = 5.2 GHz
Ga
NF
14
4
6
8
10
12
2
0
14
4
2
10
8
6
12
0
1
10
100
VCE = 2 V
f = 5.2 GHz
Ga
NF
6
5
3
2
1
4
0
30
5
10
15
20
25
0
1
10
100
VCE = 3 V
f = 1 GHz
Ga
NF
6
5
3
2
1
4
0
30
5
10
15
20
25
0
1
10
100
VCE = 3 V
f = 2 GHz
Ga
NF
14
12
10
8
6
4
2
0
14
6
2
4
8
10
12
0
1
10
100
VCE = 3 V
f = 5.2 GHz
Ga
NF


Similar Part No. - NESG2021M05-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG2021M05-T1-A RENESAS-NESG2021M05-T1-A Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
More results

Similar Description - NESG2021M05-T1-A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG3031M05 NEC-NESG3031M05 Datasheet
100Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG3031M14 NEC-NESG3031M14 Datasheet
99Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2031M05 NEC-NESG2031M05 Datasheet
156Kb / 12P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2101M05 NEC-NESG2101M05 Datasheet
172Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com