Electronic Components Datasheet Search |
|
HDSP-H511-0I200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HDSP-H511-0I200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 14 page Devices AlGaAs Orange Red HER Green Package HDSP- HDSP- HDSP- HDSP- Description Drawing A411 A111 A211 A511 7.6 mm Common Anode Right Hand Decimal A A413 A113 A213 A513 7.6 mm Common Cathode Right Hand Decimal B F411 F111 F211 F511 10 mm Common Anode Right Hand Decimal C F413 F113 F213 F513 10 mm Common Cathode Right Hand Decimal D G411 G111 G211 G511 10 mm Two Digit Common Anode Right Hand Decimal E G413 G113 G213 G513 10 mm Two Digit Common Cathode Right Hand Decimal F H411 H111 H211 H511 14.2 mm Common Anode Right Hand Decimal G H413 H113 H213 H513 14.2 mm Common Cathode Right Hand Decimal H K411 K111 K211 K511 14.2 mm Two Digit Common Anode Right Hand Decimal I K413 K113 K213 K513 14.2 mm Two Digit Common Cathode Right Hand Decimal J Black Surface Seven Segment Displays Technical Data Features • Black Surface and Color Tinted Epoxy • Industry Standard Size • Industry Standard Pinout • Choice of Character Size 7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.) • Choice of Colors AlGaAs Red, High Efficiency Red (HER), Green, Orange • Excellent Appearance Evenly Lighted Segments ± 50° Viewing Angle • Design Flexibility Common Anode or Common Cathode Single and Two Digit • Categorized for Luminous Intensity Categorized for Color: Green Use of Like Categories Yields a Uniform Display • Excellent for Long Digit String Multiplexing Description These devices use industry standard size package and pinout. Available with black surface HDSP-AX11/-AX13 Series HDSP-FX11/-FX13 Series HDSP-GX11/-GX13 Series HDSP-HX11/-HX13 Series HDSP-KX11/-KX13 Series finish. All devices are available as either common anode or common cathode. Typical applications include appliances, channel indicators of TV, CATV converters, game machines, and point of sale terminals. |
Similar Part No. - HDSP-H511-0I200 |
|
Similar Description - HDSP-H511-0I200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |