Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7313UA Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7313UA
Description  NECs 1310 nm InGaAsP MQW FP TOSA FOR GIGABIT ETHERNET APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7313UA Datasheet(HTML) 1 Page - California Eastern Labs

  NX7313UA Datasheet HTML 1Page - California Eastern Labs NX7313UA Datasheet HTML 2Page - California Eastern Labs NX7313UA Datasheet HTML 3Page - California Eastern Labs NX7313UA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC's 1310 nm
InGaAsP MQW FP TOSA
FOR GIGABIT ETHERNET APPLICATION
NX7313UA
FEATURES
• OPTICAL OUTPUT POWER:
Pf = 0.6 mW
• LOW THRESHOLD CURRENT
Ith = 8 mA TYP @ TC = 25°C
• WIDE OPERATING TEMPERATURE RANGE:
-40 to +85°C
• InGaAs MONITOR PIN-PD
• SMALL PACKAGE
ø3.8 mm (total length 12.0 mm MAX)
• BASED ON TELCORDIA RELIABILITY GR-468-CORE
NEC's NX7313UA is a 1310 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diode transmitter optical
subassembly (TOSA) with InGaAs monitor PIN-PD in a recep-
tacle type package designed for LC type SFF/SFP transceiver
modules. These devices are ideal for Gigabit Ethernet.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NX7313UA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VOP
Operating Voltage, CW, Pf = 0.6 mW
V
1.2
1.5
ITH
Threshold Current
CW, TC = 25°CmA
4
8
20
CW
mA
2
50
ηd
Differential Efficiency
CW, TC = 25°C
W/A
0.014
0.024
0.063
CW
W/A
0.010
0.100
Pf
Optical Output Power, CW
mW
0.6
IMOD
Modulation Current
CW, Pf = 0.6 mW, TC = 25°C
mA
8
25
45
CW, Pf = 0.6 mW
mA
5
60
λc
Center Wavelength, CW, Pf = 0.6 mW, RMS (-20 dB)
nm
1270
1355
σ
Spectral Width, CW, Pf = 0.6 mW, RMS (-20 dB)
nm
4.0
tr
Rise Time, IB = ITH, 10 to 90%
ns
0.3
tf
Fall Time, IB = ITH, 90 to 10%
ns
0.3
Im
Monitor Current, CW, Pf = 0.3 mW, VR = 1.5 V
µA
200
1200
ID
Monitor Dark Current
VR = 1.5 V, TC = 25 °CnA
50
VR = 1.5 V
nA
500
γ
Tracking Error, CW, Im = const. (Pf = 0.6 mW)
dB
-1.5
1.5
Connector Repeatability, master pigtail
dB
-1.0
1.0
Note:
1.
ELECTRO-OPTICAL CHARACTERISTICS (TC = -40 to +85°C, unless otherwise specified)
Tracking Error
: γ
0
Im
Im
TC = 25°C
TC = –40 to +85°C
Pt
(mW)
Pt
0.6
(mA)
γ = 10 log
[dB]
Pt
0.6


Similar Part No. - NX7313UA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7313UA RENESAS-NX7313UA Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX7313UA-AZ CEL-NX7313UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX7313UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7314UA CEL-NX7314UA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR LONG HAUL 155 Mb/s APPLICATION
NX7315UA CEL-NX7315UA Datasheet
317Kb / 5P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
NX8312UD CEL-NX8312UD Datasheet
328Kb / 5P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR SHORT HAUL 2.5 Gb/s APPLICATION
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX8310UA CEL-NX8310UA Datasheet
176Kb / 3P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX7328BF-AA CEL-NX7328BF-AA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (70mW MIN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com