Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7314UA Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX7314UA
Description  NECs 1310 nm InGaAsP MQW FP TOSA FOR LONG HAUL 155 Mb/s APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7314UA Datasheet(HTML) 2 Page - California Eastern Labs

  NX7314UA Datasheet HTML 1Page - California Eastern Labs NX7314UA Datasheet HTML 2Page - California Eastern Labs NX7314UA Datasheet HTML 3Page - California Eastern Labs NX7314UA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NX7314UA
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS RATINGS
Pf
Optical Output Power
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
ORDERING INFORMATION
PART NUMBER
PACKAGE
PIN CONNECTION
NX7314UA-AZ*
Ø3.8 mm TOSA
TYPICAL PERFORMANCECURVES (TC = 25°C, unless otherwise specified)
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
FORWARD VOLTAGE vs.
FORWARD CURRENT
SPECTRUM
Forward Current, IF (mA)
Forward Current, IF (mA)
Wavelength, λ (nm)
Remark: The graphs indicate nominal characteristics.
1
4
3
2
LD
PD
2.0
1.5
1.0
0.5
0
20
40
60
80
100
2.5
1.5
1.0
0.5
0
2.0
20
40
60
80
100
TC = 25°C
85°C
TC = –40°C
TC = –40°C
TC = 85°C
25°C
1315
1290
1340
TC = 25°C
*Note:
Please refer to the last page of this data sheet. "Compliance with
EU Directives" for Pb-Free RoHS Compliance Information.


Similar Part No. - NX7314UA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7314UA RENESAS-NX7314UA Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX7314UA-AZ CEL-NX7314UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX7314UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX8310UA CEL-NX8310UA Datasheet
176Kb / 3P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
NX7313UA CEL-NX7313UA Datasheet
193Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR GIGABIT ETHERNET APPLICATION
NX8312UD CEL-NX8312UD Datasheet
328Kb / 5P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR SHORT HAUL 2.5 Gb/s APPLICATION
NX7315UA CEL-NX7315UA Datasheet
317Kb / 5P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
NX7303BA-CC CEL-NX7303BA-CC Datasheet
99Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
   NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com