Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8310UA Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8310UA
Description  NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8310UA Datasheet(HTML) 1 Page - California Eastern Labs

  NX8310UA Datasheet HTML 1Page - California Eastern Labs NX8310UA Datasheet HTML 2Page - California Eastern Labs NX8310UA Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's 1310 nm
InGaAsP MQW DFB TOSA
FOR LONG HAUL 622 Mb/s APPLICATIONS
NX8310UA
FEATURES
• OPTICAL OUTPUT POWER:
Pf = 2.0 mW
• LOW THRESHOLD CURRENT
Ith = 10 mA TYP @ TC = 25°C
• WIDE OPERATING TEMPERATURE RANGE:
TC = -40 to +85°C
• InGaAs MONITOR PIN-PD
• SMALL PACKAGE
ø3.8 mm TOSA (Total length 13.0 mm MAX)
NEC's NX8310UA is a 1310 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode TOSA
(transmitter optical subassembly) with InGaAs monitor PIN-
PD in a receptacle type package designed for SFF/SFP
transceivers with LC duplex receptacle. This device is ideal for
Synchronous Digital Hierarchy (SDH) systems, long haul
STM-4 (L-4.1), ITU-T recommendations, and SONET OC-12
(LR).
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NX8310UA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VOP
Operating Voltage, CW, Pf = 2.0 mW
V
1.2
1.6
ITH
Threshold Current
CW
mA
2
50
CW, TC = 25°C
mA
4
10
20
Pf
Optical Output Power, CW
mW
2.0
ηd
Differential Efficiency
CW
W/A
0.04
0.29
CW, TC = 25°C
W/A
0.07
0.10
0.20
IMOD
Modulation Current
CW, Pf = 2.0
mA
7
50
CW, Pf = 2.0 mW, TC = 25°C
mA
9
20
30
λp
Peak Emission Wavelength,
CW, Pf = 2.0 mW, RMS (-20 dB)
nm
1280
1335
SMSR
Side Mode Suppression Ratio, CW, Pf = 2.0 mW
dB
30
tr
Rise Time, IB = ITH, 10 to 90%
ns
200
tf
Fall Time, IB = ITH, 90 to 10%
ns
200
Im
Monitor Current, CW, Pf = 1.0 mW, VR = 1.5 V
µA
100
2000
ID
Monitor Dark Current
VR = 1.5 V
nA
500
VR = 1.5 V, TC = 25 °CnA
50
γ
Tracking Error1, CW, Im = const. (Pf = 2.0 mW)
dB
-1.5
1.5
Connector Repeatability with master pigtail
dB
-1.0
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = -40 to +85°C, unless otherwise specified)
Note:
1. Tracking Error : γ
0
Im
Im
TC = 25°C
TC = –40 to +85°C
Pf
(mW)
Po
2.0
(mA)
γ = 10 log
[dB]
Pf
2.0


Similar Part No. - NX8310UA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8310UA RENESAS-NX8310UA Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8310UA-AZ CEL-NX8310UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX8310UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX7314UA CEL-NX7314UA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR LONG HAUL 155 Mb/s APPLICATION
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
   NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX8312UD CEL-NX8312UD Datasheet
328Kb / 5P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR SHORT HAUL 2.5 Gb/s APPLICATION
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
   NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com