Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8508 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8508
Description  NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8508 Datasheet(HTML) 3 Page - California Eastern Labs

  NX8508 Datasheet HTML 1Page - California Eastern Labs NX8508 Datasheet HTML 2Page - California Eastern Labs NX8508 Datasheet HTML 3Page - California Eastern Labs NX8508 Datasheet HTML 4Page - California Eastern Labs NX8508 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NX8508 Series
SYMBOL
PARAMETER
UNIT
RATINGS
Pf
Optical Output Power
from Fiber
mW
5
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
2.0
VR
Reverse Voltage of PD
V
15
TC
Operating Case
Temperature
°
C
-20 to +85
Tstg
Storage Temperature
°
C
40 to +85
ABSOLUTE MAXIMUM RATINGS1
NX8508BMxx*1 -CC
7.0±0.2
φ
8.0±0.3
2.2
φ
12.7±0.2
17.0±0.2
0.9
φ
0.45±0.05
φ
Optical Fiber (SMF)
With SC Connector
NX8508CGxx*1 -CC
7.0±0.2
φ
8.0±0.3
16.0
0.9
φ
0.45±0.05
φ
Optical Fiber (SMF)
With SC Connector
PIN CONNECTIONS
4
1
3
2
PD
LD
Case
P.C.D. = 2.0
φ
8.5±0.2
4–R1.25±0.2
12.0±0.15
1
2
3
4
φ
2– 2.5
PIN CONNECTIONS
4
1
3
2
PD
LD
Case
P.C.D. = 2.0
φ
1
2
3
4
*1 Please refer to ORDERING INFORMATION.
PACKAGE DIMENSIONS (Units in mm)


Similar Part No. - NX8508

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8508 RENESAS-NX8508 Datasheet
266Kb / 11P
   LASER DIODE
2004
NX8508BMXX-CC RENESAS-NX8508BMXX-CC Datasheet
266Kb / 11P
   LASER DIODE
2004
NX8508CGXX-CC RENESAS-NX8508CGXX-CC Datasheet
266Kb / 11P
   LASER DIODE
2004
More results

Similar Description - NX8508

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
   NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
   InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
NX6509 CEL-NX6509 Datasheet
310Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
   NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX8504BE CEL-NX8504BE Datasheet
112Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com