Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8310UA-AZ Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8310UA-AZ
Description  1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8310UA-AZ Datasheet(HTML) 3 Page - California Eastern Labs

  NX8310UA-AZ Datasheet HTML 1Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 2Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 3Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 4Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 5Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 6Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 7Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 8Page - California Eastern Labs NX8310UA-AZ Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NX8311UD
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Pin Connections
NX8311UD
φ 3.8 mm TOSA
1
4
3
2
LD
PD
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Pin Connections
NX8311UD-AZ*
φ 3.8 mm TOSA
1
4
3
2
LD
PD
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for
PB-Free RoHS Compliance Information.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power from Fiber
Pf
5.0
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
2.0
mA
Reverse Voltage of PD
VR
15
V
Operating Case Temperature
TC
−20 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Data Sheet PL10181EJ02V0DS
3


Similar Part No. - NX8310UA-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8310UA-AZ CEL-NX8310UA-AZ Datasheet
176Kb / 3P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
More results

Similar Description - NX8310UA-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8315XC RENESAS-NX8315XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8316XC CEL-NX8316XC Datasheet
195Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com