Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8562 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8562
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8562 Datasheet(HTML) 6 Page - California Eastern Labs

  NX8562 Datasheet HTML 1Page - California Eastern Labs NX8562 Datasheet HTML 2Page - California Eastern Labs NX8562 Datasheet HTML 3Page - California Eastern Labs NX8562 Datasheet HTML 4Page - California Eastern Labs NX8562 Datasheet HTML 5Page - California Eastern Labs NX8562 Datasheet HTML 6Page - California Eastern Labs NX8562 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NX8562 Series
OUTLINE DIMENSIONS (Units in mm)
OPTICAL FIBER DIMENSIONS (Units in mm)
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
Optical Fiber (PMF)
Length : 1000 MIN
29.97±0.25
0.3
1.0
5.15
0.5
20.83±0.25
26.04±0.25
15.24
71
814
2.54
20.8
φ2.67 4 places
1.25
0.9
R
10 MIN
8.89±0.13
12.7±0.2
6.0
8.2±0.2
5.4
NX8562LB
TOP VIEW
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/02/2003
Fiber Length: 1000 mm MIN
PMF
FC-PC Connector
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
BIAS
10
GND
4
PD ANODE
11
GND, LD ANODE
5
PD CATHODE,
12
SIGNAL INPUT
6
COOLER ANODE
13
GND
7
COOLER CATHODE
14
GND
PIN CONNECTIONS
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
R
NX8562LF
TOP VIEW
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
LD Cathode
10
PD (λp) ANODE
4
PD (Pf) ANODE
11
LD ANODE
5
PD CATHODE
12
LD CATHODE
6
COOLER ANODE
13
LD ANODE
7
COOLER CATHODE
14
NC
PIN CONNECTIONS
Paramter
Unit
Specification
Outer Diameter
mm
0.9±0.1
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1000 MIN


Similar Part No. - NX8562

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562-AZ CEL-NX8562-AZ Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8562LB NEC-NX8562LB Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX8562LB NEC-NX8562LB Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
More results

Similar Description - NX8562

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com