Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LB295-BA Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8563LB295-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LB295-BA Datasheet(HTML) 4 Page - California Eastern Labs

  NX8563LB295-BA Datasheet HTML 1Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 2Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 3Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 4Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 5Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 6Page - California Eastern Labs NX8563LB295-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX8563 SERIES
Wavelength code
ITU-T1 Wavelength
Frequency
Wavelength code
ITU-T1 Wavelength
Frequency
(nm)
(THz)
(nm)
(THz)
287
1528.77
196.10
295
1529.55
196.00
303
1530.33
195.90
311
1531.11
195.80
318
1531.89
195.70
326
1532.68
195.60
334
1533.46
195.50
342
1534.25
195.40
350
1535.03
195.30
358
1535.82
195.20
366
1536.60
195.10
373
1537.39
195.00
381
1538.18
194.90
389
1538.97
194.80
397
1539.76
194.70
405
1540.55
194.60
413
1541.34
194.50
421
1542.14
194.40
429
1542.93
194.30
437
1543.73
194.20
445
1544.52
194.10
453
1545.32
194.00
461
1546.11
193.90
469
1546.91
193.80
477
1547.71
193.70
485
1548.51
193.60
Note:
1. The Value which omitted and computed the 3rd place below the decimal point.
493
1549.31
193.50
501
1550.11
193.40
509
1550.91
193.30
517
1551.72
193.20
525
1552.52
193.10
533
1553.32
193.00
541
1554.13
192.90
549
1554.94
192.80
557
1555.74
192.70
565
1556.55
192.60
573
1557.36
192.50
581
1558.17
192.40
589
1558.98
192.30
597
1559.79
192.20
606
1560.60
192.10
614
1561.41
192.00
622
1562.23
191.90
630
1563.04
191.80
638
1563.86
191.70
646
1564.67
191.60
654
1565.49
191.50
663
1566.31
191.40
671
1567.13
191.30
679
1567.95
191.20
687
1568.77
191.10
TABLE A: DWDM Wavelength based on ITU-T Recommendations (@TLD = Tset)
BA
NX8563
With FC-PC Connector
Wavelength Code: Refer to Tables A and B
LB: Anode Ground
LF: Anode Floating
ORDERING INFORMATION
PART NUMBER
PACKAGE
NX8563-AZ*
14-Pin Butterrfly Package
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation.
279
1527.99
196.20


Similar Part No. - NX8563LB295-BA

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX8563LB NEC-NX8563LB Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
More results

Similar Description - NX8563LB295-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com