Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8571 Datasheet(PDF) 8 Page - California Eastern Labs

Part # NX8571
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NX8571 Datasheet HTML 4Page - California Eastern Labs NX8571 Datasheet HTML 5Page - California Eastern Labs NX8571 Datasheet HTML 6Page - California Eastern Labs NX8571 Datasheet HTML 7Page - California Eastern Labs NX8571 Datasheet HTML 8Page - California Eastern Labs NX8571 Datasheet HTML 9Page - California Eastern Labs NX8571 Datasheet HTML 10Page - California Eastern Labs NX8571 Datasheet HTML 11Page - California Eastern Labs NX8571 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (4/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
667D
654
1565.49
191.50
Negative
659
1565.90
191.45
Positive
663
1566.31
191.40
Negative
667
1566.72
191.35
Positive
683D
671
1567.13
191.30
Negative
675
1567.54
191.25
Positive
679
1567.95
191.20
Negative
683
1568.36
191.15
Positive
700D
687
1568.77
191.10
Negative
691
1569.18
191.05
Positive
695
1569.59
191.00
Negative
700
1570.00
190.95
Positive
716D
704
1570.41
190.90
Negative
708
1570.82
190.85
Positive
712
1571.23
190.80
Negative
716
1571.65
190.75
Positive
733D
720
1572.06
190.70
Negative
724
1572.47
190.65
Positive
728
1572.88
190.60
Negative
733
1573.30
190.55
Positive
749D
737
1573.71
190.50
Negative
741
1574.12
190.45
Positive
745
1574.54
190.40
Negative
749
1574.95
190.35
Positive
766D
753
1575.36
190.30
Negative
757
1575.78
190.25
Positive
761
1576.19
190.20
Negative
766
1576.61
190.15
Positive
782D
770
1577.02
190.10
Negative
774
1577.44
190.05
Positive
778
1577.85
190.00
Negative
782
1578.27
189.95
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
8


Similar Part No. - NX8571

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571 RENESAS-NX8571 Datasheet
313Kb / 17P
   LASER DIODE
2005
NX8571SC315D-BA RENESAS-NX8571SC315D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
NX8571SC330D-BA RENESAS-NX8571SC330D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
NX8571SC346D-BA RENESAS-NX8571SC346D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
NX8571SC362D-BA RENESAS-NX8571SC362D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com