Electronic Components Datasheet Search |
|
NX8562LF295-BA Datasheet(PDF) 1 Page - California Eastern Labs |
|
NX8562LF295-BA Datasheet(HTML) 1 Page - California Eastern Labs |
1 / 7 page NEC's CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (20 mW MIN) NX8562 SERIES FEATURES • AVAILABLE FOR DWDM WAVELENGTHS BASED ON ITU-T RECOMMENDATIONS (100 GHz grid) refer to the Ordering Information • OUTPUT POWER: Pf = 20 mW MIN • INTERNAL THERMOELECTRIC COOLER AND ISOLATOR • HERMETICALLY SEALED 14-PIN BUTTERFLY PACKAGE • POLARIZATION MAINTAIN FIBER PIGTAIL NEC's NX8562 Series are a 1550 nm Multiple Quatum Well (MQW) Distributed Feed-Back (DFB) laser diode with Polar- ization Maintain Fiber (PMF). This device is designed as a Continuous Wave (CW) light source and is ideal for optical transmission systems in which external modulators are used. The device is available for Dense Wavelength Division Multi- plexing (DWDM) wavelengths based on ITU-T recommenda- tions, enabling a wide range of applications. DESCRIPTION Notes: 1. Available for DWDM based on ITU-T recommendations. please refer to Ordering Information. 2. Polarization state of LD is aligned parallel to the slow axis. PART NUMBER NX8562 Series SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX TSET Laser Set Temperature °C20 35 VF Forward Voltage, Pf = 20 mW V 1.2 1.5 IF Forward Current, Pf = 20 mW mA 120 167 ITH Threshold Current mA 20 40 Pf Optical Output Power from Fiber, IF = 167 mA, TLD = TSET mW 20 λp Peak Emission Wavelength1, Pf = 20 mW, CW, nm 1527.99 ITU-T1 1611.78 TLD = TSET ∆v Spectral Line Width, Pf = 10 mW, CW, 3 dB down MHz 1 2 SMSR Side Mode Suppression Ratio, Pf = 20 mW, CW dB 33 45 RIN Relative Intensity Noise, Pf = 20 mW, 20 MHz to 3 GHz dB/Hz -150 ext Polarization Extinction Ratio2, Pf = 20 mW, CW dB 20 ELECTRO-OPTICAL CHARACTERISTICS (TLD = 25°C, TC = -20 to +70°C) California Eastern Laboratories |
Similar Part No. - NX8562LF295-BA |
|
Similar Description - NX8562LF295-BA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |