Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200H-1A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7200H-1A
Description  4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200H-1A Datasheet(HTML) 1 Page - California Eastern Labs

  PS7200H-1A Datasheet HTML 1Page - California Eastern Labs PS7200H-1A Datasheet HTML 2Page - California Eastern Labs PS7200H-1A Datasheet HTML 3Page - California Eastern Labs PS7200H-1A Datasheet HTML 4Page - California Eastern Labs PS7200H-1A Datasheet HTML 5Page - California Eastern Labs PS7200H-1A Datasheet HTML 6Page - California Eastern Labs PS7200H-1A Datasheet HTML 7Page - California Eastern Labs PS7200H-1A Datasheet HTML 8Page - California Eastern Labs PS7200H-1A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Solid State Relay
OCMOS FET
PS7200H-1A
4-PIN SOP, 2.2
Ω LOW ON-STATE RESISTANCE
1-ch Optical Coupled MOS FET
DESCRIPTION
The PS7200H-1A is a low on-state capacitance solid state relay containing a GaAs LED on the light emitting side
(input side) and MOS FETs on the output side.
It is suitable for high-frequency signal control, due to its low C
× R, low on-state resistance, and low off-state
leakage current.
FEATURES
• Low C
× R (C × R = 9.2 pF • Ω)
• Low on-state resistance (Ron = 2.2
Ω TYP.)
• Low output capacitance (Cout = 4.2 pF TYP.)
• Low off-state leakage current (ILoff = 0.03 nA TYP.)
• High-speed turn-on time (ton = 0.04 ms TYP.)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Low offset voltage
• Ordering number of taping product: PS7200H-1A-E3, E4, F3, F4
APPLICATIONS
• Measurement equipment
Document No. PN10294EJ01V0DS (1st edition)
(Previous No. P13560EJ3V0DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Similar Part No. - PS7200H-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200H-1A RENESAS-PS7200H-1A Datasheet
261Kb / 15P
   4-PIN SOP, 2.2 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200H-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200H-1A RENESAS-PS7200H-1A Datasheet
261Kb / 15P
   4-PIN SOP, 2.2 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com