Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200H-1A Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS7200H-1A
Description  4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200H-1A Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS7200H-1A Datasheet HTML 3Page - California Eastern Labs PS7200H-1A Datasheet HTML 4Page - California Eastern Labs PS7200H-1A Datasheet HTML 5Page - California Eastern Labs PS7200H-1A Datasheet HTML 6Page - California Eastern Labs PS7200H-1A Datasheet HTML 7Page - California Eastern Labs PS7200H-1A Datasheet HTML 8Page - California Eastern Labs PS7200H-1A Datasheet HTML 9Page - California Eastern Labs PS7200H-1A Datasheet HTML 10Page - California Eastern Labs PS7200H-1A Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS7200H-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
220˚C
Time (s)
(heating)
to 10 s
to 60 s
260˚C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180˚C
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Data Sheet PN10294EJ01V0DS
10


Similar Part No. - PS7200H-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200H-1A RENESAS-PS7200H-1A Datasheet
261Kb / 15P
   4-PIN SOP, 2.2 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200H-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200H-1A RENESAS-PS7200H-1A Datasheet
261Kb / 15P
   4-PIN SOP, 2.2 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com