Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7142L-1B-E3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7142L-1B-E3
Description  6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7142L-1B-E3 Datasheet(HTML) 2 Page - California Eastern Labs

  PS7142L-1B-E3 Datasheet HTML 1Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 2Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 3Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 4Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 5Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 6Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 7Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 8Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PS7142-1B,-2B,PS7142L-1B,-2B
PACKAGE DIMENSIONS (in millimeters)
9.25±0.5
0.5±0.1
2.54
1.34±0.1
0.25 M
0 to 15˚
7.62
6.5±0.5
9.25±0.5
1.34±0.1
0.25 M
2.54
6.5±0.5
0.9±0.25
9.60±0.4
9.25±0.5
0.5±0.1
2.54
1.34±0.1
0.25 M
0 to 15˚
7.62
6.5±0.5
9.25±0.5
1.34±0.1
0.25 M
2.54
6.5±0.5
0.9±0.25
9.60±0.4
PS7142-1B
PS7142L-1B
PS7142-2B
PS7142L-2B
12
4
3
65
87
TOP VIEW
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOS FET
6. MOS FET
7. MOS FET
8. MOS FET
12
4
3
65
87
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOS FET
6. MOS FET
7. MOS FET
8. MOS FET
TOP VIEW
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
123
65
4
TOP VIEW
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
123
65
4
TOP VIEW
Data Sheet PN10285EJ01V1DS
2


Similar Part No. - PS7142L-1B-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142L-1B-E3 CEL-PS7142L-1B-E3 Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7142L-1B-E3-A CEL-PS7142L-1B-E3-A Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7142L-1B-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com