Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8560LJ486-CC Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8560LJ486-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8560LJ486-CC Datasheet(HTML) 6 Page - California Eastern Labs

  NX8560LJ486-CC Datasheet HTML 1Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 2Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 3Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 4Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 5Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 6Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 7Page - California Eastern Labs NX8560LJ486-CC Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NX8560LJ SERIES
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = Tset, TC = -20 to +70ºC)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Monitor Current
Im
VRPD = 5 V, IFLD = Iop, VEA = 0 V
30
1 100
μ
A
Dark Current
ID
VRPD = 5 V, VEA = 0 V
10
nA
Terminal Capacitance
Ct
VRPD = 5 V, f = 1 MHz
15
pF
Tracking Error
γ *1
Im = const.
0.5
dB
*1 Tracking Error: γ
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25ºC
TLD = Tset, TC = -20 to +70ºC
Pop
Pf
γ
= 10 log
[dB]
Pf
Pop
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TC = -20 to +70ºC)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermistor Resistance
R
TLD = 25°C
9.5
10.0
10.5
B Constant
B
3 350
3 450
3 550
K
TEC Current
IC
TLD = Tset
1.2
A
TEC Voltage
VC
TLD = Tset
2.4
V


Similar Part No. - NX8560LJ486-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8560LJ485-BC RENESAS-NX8560LJ485-BC Datasheet
270Kb / 13P
   LASER DIODE
2004
NX8560LJ485-CC RENESAS-NX8560LJ485-CC Datasheet
270Kb / 13P
   LASER DIODE
2004
More results

Similar Description - NX8560LJ486-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com