Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LF373-BA Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8563LF373-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LF373-BA Datasheet(HTML) 6 Page - California Eastern Labs

  NX8563LF373-BA Datasheet HTML 1Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 2Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 3Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 4Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 5Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 6Page - California Eastern Labs NX8563LF373-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/02/2003
OUTLINE DIMENSIONS (Units in mm)
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
Optical Fiber (PMF)
Length : 1000 MIN
29.97±0.25
0.3
1.0
5.15
0.5
20.83±0.25
26.04±0.25
15.24
71
814
2.54
20.8
φ2.67 4 places
1.25
0.9
R
10 MIN
8.89±0.13
12.7±0.2
6.0
8.2±0.2
5.4
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
BIAS
10
GND
4
PD ANODE
11
GND, LD ANODE
5
PD CATHODE,
12
SIGNAL INPUT
6
COOLER ANODE
13
GND
7
COOLER CATHODE
14
GND
PIN CONNECTIONS
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
R
NX8563LF
TOP VIEW
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
LD Cathode
10
PD (λp) ANODE
4
PD (Pf) ANODE
11
LD ANODE
5
PD CATHODE
12
LD CATHODE
6
COOLER ANODE
13
LD ANODE
7
COOLER CATHODE
14
NC
PIN CONNECTIONS
NX8563LB
TOP VIEW
OPTICAL FIBER DIMENSIONS (Units in mm)
Paramter
Unit
Specification
Outer Diameter
mm
0.9±0.1
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1000 MIN
Fiber Length: 1000 mm MIN
PMF
FC-PC Connector
NX8563 SERIES


Similar Part No. - NX8563LF373-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF373-BA CEL-NX8563LF373-BA Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
Renesas Technology Corp
NX8563LF373-BA RENESAS-NX8563LF373-BA Datasheet
300Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8563LF373-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com