Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241-1A-E3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7241-1A-E3
Description  4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7241-1A-E3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7241-1A-E3 Datasheet HTML 1Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 2Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 3Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 4Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 5Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 6Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 7Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 8Page - California Eastern Labs PS7241-1A-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PS7241-1A
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
100
85
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
f = 1 MHz
20
40
60
80
100
120
200
0
150
100
50
OUTPUT CAPACITANCE vs.
Applied Voltage VD (V)
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
IF = 10 mA
–4.0
–2.0
0
4.0
2.0
–100
–200
100
200
100
85
75
0
–25
50
25
200
300
100
0
Ambient Temperature TA (˚C)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
APPLIED VOLTAGE
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
100
0
–25
25
50
75
1.0
1.4
1.6
1.8
1.2
0.8
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
500
100
0
200
300
400
10
–7
10
–6
10
–5
10
–8
10
–9
25 ˚C
TA = 85 ˚C
Data Sheet PN10301EJ01V1DS
5


Similar Part No. - PS7241-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241-1B-A CEL-PS7241-1B-A Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1B-E3 CEL-PS7241-1B-E3 Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1B-E3-A CEL-PS7241-1B-E3-A Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7212-1A NEC-PS7212-1A Datasheet
78Kb / 12P
   4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1A NEC-PS7241E-1A Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A CEL-PS7241E-1A Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com