Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200E-1A-E4-A Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS7200E-1A-E4-A
Description  4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200E-1A-E4-A Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS7200E-1A-E4-A Datasheet HTML 4Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 5Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 6Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 7Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 8Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 9Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 10Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 11Page - California Eastern Labs PS7200E-1A-E4-A Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PS7200E-1A
TAPING SPECIFICATIONS (Unit : mm)
PS7200E-1A-E3
PS7200E-1A-E4
Tape Direction
Outline and Dimensions (Tape)
1.55±0.1
2.0±0.05
4.0±0.1
4.6±0.1
2.9 MAX.
0.3
8.0±0.1
2.4±0.1
1.5
+0.1
–0
Outline and Dimensions (Reel)
Packing: 900 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
Data Sheet PN10293EJ01V0DS
9


Similar Part No. - PS7200E-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
   4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200E-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
   4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com