Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241-1A-E5 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7241-1A-E5
Description  4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7241-1A-E5 Datasheet(HTML) 1 Page - California Eastern Labs

  PS7241-1A-E5 Datasheet HTML 1Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 2Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 3Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 4Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 5Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 6Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 7Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 8Page - California Eastern Labs PS7241-1A-E5 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-PIN SOP 400 V BREAK DOWN VOLTAGE
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7241-1A
DESCRIPTION
The PS7241-1A is a solid state relay containing GaAs LEDs on the light emitting side (input side) and normally
open (N.O.) contact MOS FETs on the output side.
It is suitable for analog signal control because of its low offset and high linearity.
FEATURES
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7241-1A-E3, E4, E5, F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8241/8242
• CSA approved: No. CA 101391
• VDE approved: No. 121302 ÜG
APPLICATIONS
• Laptop PC, PDA
• Modem card
• Telephone, FAX
• Measurement equipment
Document No. PN10301EJ01V1DS (1st edition)
(Previous No. P13438EJ5V0DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Similar Part No. - PS7241-1A-E5

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241-1B-A CEL-PS7241-1B-A Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1B-E3 CEL-PS7241-1B-E3 Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1B-E3-A CEL-PS7241-1B-E3-A Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241-1A-E5

ManufacturerPart #DatasheetDescription
logo
NEC
PS7212-1A NEC-PS7212-1A Datasheet
78Kb / 12P
   4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1A NEC-PS7241E-1A Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A CEL-PS7241E-1A Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com