Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241-2A-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7241-2A-A
Description  8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7241-2A-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS7241-2A-A Datasheet HTML 1Page - California Eastern Labs PS7241-2A-A Datasheet HTML 2Page - California Eastern Labs PS7241-2A-A Datasheet HTML 3Page - California Eastern Labs PS7241-2A-A Datasheet HTML 4Page - California Eastern Labs PS7241-2A-A Datasheet HTML 5Page - California Eastern Labs PS7241-2A-A Datasheet HTML 6Page - California Eastern Labs PS7241-2A-A Datasheet HTML 7Page - California Eastern Labs PS7241-2A-A Datasheet HTML 8Page - California Eastern Labs PS7241-2A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PS7241-2A
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Packing Style
Application Part Number
*1
PS7241-2A
8-pin SOP
Magazine case 45 pcs
PS7241-2A
PS7241-2A -F3
Embossed Tape 1 500 pcs/reel
PS7241-2A -F4
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS7241-2A-A
8-pin SOP
Magazine case 45 pcs
PS7241-2A
PS7241-2A -F3-A
Embossed Tape 1 500 pcs/reel
PS7241-2A -F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
50
mW/ch
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
400
V
Continuous Load Current
IL
120
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
200
mA
Power Dissipation
PD
180
mW/ch
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
460
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10304EJ01V1DS
3


Similar Part No. - PS7241-2A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-2A-A NEC-PS7241-2A-A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7241-2A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7622A-2A NEC-PS7622A-2A Datasheet
45Kb / 6P
   8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com