Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7341A-1B Datasheet(PDF) 1 Page - NEC

Part # PS7341A-1B
Description  6-PIN DIP, 20ohm LOW ON-STATE RESISTANCE 100 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7341A-1B Datasheet(HTML) 1 Page - NEC

  PS7341A-1B Datasheet HTML 1Page - NEC PS7341A-1B Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6-PIN DIP, 20
Ω LOW ON-STATE
RESISTANCE 100 pF LOW OUTPUT
CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
PS7341A-1B
PS7341AL-1B
FEATURES
HIGH ISOLATION VOLTAGE
BV = 3,750 Vr.m.s.
1 CHANNEL TYPE
1 B output
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
SMALL PACKAGE
6 pin DIP
LOW OUTPUT CAPACITANCE
Cout = 100 pF TYP
LOW ON-STATE RESISTANCE
Ron2 = 20
Ω TYP
LOW LED OPERATING CURRENT
IF = 2 mA
LOW OFFSET VOLTAGE
SURFACE MOUNT TYPE LEAD AVAILABLE
PS7341AL-1B
DESCRIPTION
The PS7341A-1B and PS7341AL-1B are solid state relays
containing a GaAs LEDs on the light emitting side (input side)
and normally close (N.C.) contact MOS FETs on the output
side. They are suitable for analog signal control because of
their low offset and high linearity.
APPLICATIONS
EXCHANGE EQUIPMENT
MEASUREMENT EQUIPMENT
FA/OA EQUIPMENT
Input
0
90%
10%
Output
tON
tOFF
Vo = 5 V
50%
PS7341A-1B, PS7341AL-1B
PRELIMINARY DATA SHEET
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
PS7341A-1B, PS7341AL-1B
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5.0
ILOFF
Off-State Leakage Current, IF = 10 mA, VD = 400 V
µA
10
COUT
Output Capacitance, IF = 10 mA, VD = 0 V, f = 1 MHz
pF
100
RON1
On-State Resistance, IF = 0 mA, IL = 10 mA
26
35
RON2
On-State Resistance, IF = 0 mA, IL = 120 mA, t
≤ 10 ms
20
30
tON
Turn-On Time1
ms
0.2
tOFF
Turn-Off Time1
ms
1.5
Rl-O
Isolation Resistance, VI-O = 1.0 kVDC
109
Cl-O
Isolation Capacitance, V = 0 V, f = 1 MHz
pF
1.1
IF = 10 mA, VO = 5 V, PW
≥ 10 ms
Notes:
1. Test Circuit for switching Time
Pulse Input
Input monitor
IF
VL
Vo monitor
RL
Rin
California Eastern Laboratories


Similar Part No. - PS7341A-1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341A-1B CEL-PS7341A-1B Datasheet
36Kb / 2P
   6-PIN DIP, 20廓 LOW ON-STATE RESISTANCE 100 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
More results

Similar Description - PS7341A-1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341A-1B CEL-PS7341A-1B Datasheet
36Kb / 2P
   6-PIN DIP, 20廓 LOW ON-STATE RESISTANCE 100 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com