Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27C128 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY27C128
Description  128K (16K x 8-Bit) CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C128 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY27C128 Datasheet HTML 1Page - Cypress Semiconductor CY27C128 Datasheet HTML 2Page - Cypress Semiconductor CY27C128 Datasheet HTML 3Page - Cypress Semiconductor CY27C128 Datasheet HTML 4Page - Cypress Semiconductor CY27C128 Datasheet HTML 5Page - Cypress Semiconductor CY27C128 Datasheet HTML 6Page - Cypress Semiconductor CY27C128 Datasheet HTML 7Page - Cypress Semiconductor CY27C128 Datasheet HTML 8Page - Cypress Semiconductor CY27C128 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY27C128
3
AC Test Loads and Waveforms
C1284
C1285
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a) Normal Load
(b) High Z Load
< 5 ns
< 5 ns
OUTPUT
R1 250W (329W MIL)
R2 167W
(202W MIL
100W
Equivalent to:
THÉVENIN EQUIVALENT
2.00 V
R2 167W
(202W MIL
R1 250W (329W MIL)
OUTPUT
125W
1.9 V
Commercial
Military
Switching Characteristics Over the Operating Range[4, 7]
27C128-45
27C128-55
27C128-70
27C128-90
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAA
Address to Output Valid
45
55
70
90
ns
tHZOE
Outpout Enable Inactive to High Z
15
20
25
25
ns
tOE
Output Enable Active to Output Valid
15
20
25
30
ns
tHZCE
Chip Enable Inactive to High Z
20
25
25
25
ns
tACE
Chip Enable Active to Output Valid
45
55
70
90
ns
tPU
Chip Enable Active to Power Up
0
0
0
0
ns
tPD
Chip Enable Inactive to Power Down
45
55
70
90
ns
tOH
Output Hold from Address Change
0
0
0
0
ns
Switching Characteristics Over the Operating Range[4, 7] (continued)
27C128-120
27C128-150
27C128-200
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAA
Address to Output Valid
120
150
200
ns
tHZOE
Outpout Enable Inactive to High Z
30
30
30
ns
tOE
Output Enable Active to Output Valid
30
40
40
ns
tHZCE
Chip Enable Inactive to High Z
30
30
30
ns
tACE
Chip Enable Active to Output Valid
120
150
200
ns
tPU
Chip Enable Active to Power Up
0
0
0
ns
tPD
Chip Enable Inactive to Power Down
120
150
200
ns
tOH
Output Hold from Address Change
0
0
0
ns


Similar Part No. - CY27C128

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120 CYPRESS-CY27C256-120 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120JC CYPRESS-CY27C256-120JC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120PC CYPRESS-CY27C256-120PC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120WC CYPRESS-CY27C256-120WC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results

Similar Description - CY27C128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com