Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100H646 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100H646
Description  PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H646 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100H646 Datasheet HTML 1Page - ON Semiconductor MC100H646 Datasheet HTML 2Page - ON Semiconductor MC100H646 Datasheet HTML 3Page - ON Semiconductor MC100H646 Datasheet HTML 4Page - ON Semiconductor MC100H646 Datasheet HTML 5Page - ON Semiconductor MC100H646 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
PDynamic = CL ƒ VSwing VCC
PTotal = PStatic + PDynamic
Q3
OGND
Q2
OVT
Q1
OGND
Q0
1
EN
IVT
IGND
VCCE
VCCE
VBB
ECLK
56
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Pinout: 28–Lead PLCC
(Top View)
OGND
OVT
IGND
IVT
VEE
VCCE
ECLK, ECLK
VBB
Q0–Q7
EN
TTL Output Ground (0V)
TTL Output VCC (+5.0V)
Internal TTL GND (0V)
Internal TTL VCC (+5.0V)
ECL VEE (0V)
ECL Ground (5.0V)
Differential Signal Input
(PECL)
VBB Reference Output
Signal Outputs (TTL)
Tri–State Enable Input (TTL)
PIN
FUNCTION
PIN NAMES
Figure 1. Output Structure
INTERNAL TTL GROUND
IGND01
OGND0
Q0A
OVT01
IVT01
INTERNAL TTL POWER
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
TCLK
ECLK
ECLK
EN
LOGIC DIAGRAM
Figure 2. Power versus Frequency (Typical)
FREQUENCY, MHz
Power versus Frequency per Bit
300pF
200pF
100pF
50pF
No Load
TRUTH TABLE
TCLK
ECLK
ECLK
EN
Q
GND
GND
H
L
X
L
H
GND
GND
X
H
L
GND
GND
X
H
H
H
H
L
L
H
H
L
Z
L = Low Voltage Level; H = High Voltage Level; Z = Tristate


Similar Part No. - MC100H646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H646 ONSEMI-MC100H646 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FN ONSEMI-MC100H646FN Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNG ONSEMI-MC100H646FNG Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNR2 ONSEMI-MC100H646FNR2 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNR2G ONSEMI-MC100H646FNR2G Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results

Similar Description - MC100H646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com