Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7342CL-1A Datasheet(PDF) 2 Page - NEC

Part # PS7342CL-1A
Description  6 PIN DIP SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7342CL-1A Datasheet(HTML) 2 Page - NEC

  PS7342CL-1A Datasheet HTML 1Page - NEC PS7342CL-1A Datasheet HTML 2Page - NEC PS7342CL-1A Datasheet HTML 3Page - NEC PS7342CL-1A Datasheet HTML 4Page - NEC PS7342CL-1A Datasheet HTML 5Page - NEC PS7342CL-1A Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS7342C-1A, PS7342CL-1A
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS7342C-1A
PS7342CL-1A
Diode
VR
Reverse Voltage
V
5
IF
Forward Current (DC)
mA
50
PD
Power Dissipation
mW
50
IF (Peak)
Peak Forward Current2
A1
MOSFET
VL
Break Down Voltage
V
400
IL
Continuous Load Current
mA
170
PD
Power Dissipation
mW
560
Coupled
BV
Isolation Voltage3
Vr.m.s.
3,750
PT
Total Power Dissipation
mW
610
TSTG
Storage Temperature
°C
-40 to +125
TA
Operating Ambient Temp.
°C
-40 to +85
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100
µs, Duty Cycle = 1 %
3. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
and output.
OUTLINE DIMENSIONS (Units in mm)
PS7342C-1A
PS7342CL-1A
1. LED Anode
2. LED Cathode
3. NC
4. MOSFET Drain
5. MOSFET Source
6. MOSFET Drain
1. LED Anode
2. LED Cathode
3. NC
4. MOSFET Drain
5. MOSFET Source
6. MOSFET Drain
SYMBOL
PARAMETER
UNITS MIN
TYP MAX
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
RECOMMENDED
OPERATING CONDITIONS (TA = 25 °C)
10.16 MAX.
0.25 M
1.34
± 0.10
0.50
± 0.10 2.54 2.54 MAX
7.62
0 to 15 ˚
13
64
5
2
0.65
3.8
MAX
2.8 MAX
4.55 MAX
6.5
±0.5
10.16 MAX.
0.25 M
1.34
± 0.10
2.54 2.54 MAX
7.62
13
64
5
2
3.8 MAX
6.5
±0.5
0.05 to 0.2
0.9
±0.25
9.60
±0.4
(Top View)
(Top View)


Similar Part No. - PS7342CL-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7342-1A CEL-PS7342-1A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7342-1A-A CEL-PS7342-1A-A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
logo
NEC
PS7342L-1A NEC-PS7342L-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7342CL-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7112-1A NEC-PS7112-1A_01 Datasheet
53Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com