Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1004V1C-C Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6R1004V1C-C
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1C-C Datasheet(HTML) 4 Page - Samsung semiconductor

  K6R1004V1C-C Datasheet HTML 1Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 2Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 3Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 4Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 5Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 6Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 7Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 8Page - Samsung semiconductor K6R1004V1C-C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY
Revision 2.0
- 4 -
April 2000
CCPCCCRCELIMINARY
Preliminary
PRELIMINARY
K6R1004V1C-C/C-L, K6R1004V1C-I/C-P
CMOS SRAM
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=3.3±0.3V, unless otherwise noted.)
Output Loads(B)
DOUT
5pF*
319
353
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+3.3V
* Including Scope and Jig Capacitance
Output Loads(A)
DOUT
RL = 50
ZO = 50
VL = 1.5V
30pF*
* Capacitive Load consists of all components of the
test environment.
READ CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Sym-
bol
K6R1004V1C-10
K6R1004V1C-12
K6R1004V1C-15
K6R1004V1C-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
10
-
12
-
15
-
20
-
ns
Address Access Time
tAA
-
10
-
12
-
15
-
20
ns
Chip Select to Output
tCO
-
10
-
12
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
5
-
6
-
7
-
9
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
5
0
6
0
7
0
9
ns
Output Disable to High-Z Output
tOHZ
0
5
0
6
0
7
0
9
ns
Output Hold from Address
tOH
3
-
3
-
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
0
-
0
-
ns
Chip Selection to Power Down-
tPD
-
10
-
12
-
15
-
20
ns


Similar Part No. - K6R1004V1C-C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08/10 SAMSUNG-K6R1004V1D-JC08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC10 SAMSUNG-K6R1004V1D-JC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1C-C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com