Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7801D-1A-F3 Datasheet(PDF) 3 Page - NEC

Part # PS7801D-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7801D-1A-F3 Datasheet(HTML) 3 Page - NEC

  PS7801D-1A-F3 Datasheet HTML 1Page - NEC PS7801D-1A-F3 Datasheet HTML 2Page - NEC PS7801D-1A-F3 Datasheet HTML 3Page - NEC PS7801D-1A-F3 Datasheet HTML 4Page - NEC PS7801D-1A-F3 Datasheet HTML 5Page - NEC PS7801D-1A-F3 Datasheet HTML 6Page - NEC PS7801D-1A-F3 Datasheet HTML 7Page - NEC PS7801D-1A-F3 Datasheet HTML 8Page - NEC PS7801D-1A-F3 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS7801D-1A-F3
PS7801D-1A-F3-A
Pb-Free
*2
Embossed Tape 3 500 pcs/reel
UL awaiting
PS7801D-1A
PS7801D-1A-F4
PS7801D-1A-F4-A
approval
*1 For the application of the Safety Standard, following part number should be used.
*2 With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your
nearby sales office.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
40
V
Continuous Load Current
IL
120
mA
Power Dissipation
PD
250
mW
Isolation Voltage
*2
BV
500
Vr.m.s.
Total Power Dissipation
PT
300
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
5
20
mA
LED Off Voltage
VF
0
0.5
V
Data Sheet PN10551EJ01V0DS
3
PS7801D-1A


Similar Part No. - PS7801D-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801D-1A-F3 NEC-PS7801D-1A-F3 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A-F3 CEL-PS7801D-1A-F3 Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801D-1A-F3 RENESAS-PS7801D-1A-F3 Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
logo
NEC
PS7801D-1A-F3-A NEC-PS7801D-1A-F3-A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A-F3-A CEL-PS7801D-1A-F3-A Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801D-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A CEL-PS7801D-1A Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801K-1A RENESAS-PS7801K-1A Datasheet
248Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801K-1A NEC-PS7801K-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801K-1A CEL-PS7801K-1A Datasheet
184Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com