Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC947.5MWC90T Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SAFC947.5MWC90T
Description  CERAMIC MICROWAVE FILTERS SAW FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFC947.5MWC90T Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SAFC947.5MWC90T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFC947.5MWC90T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFC947.5MWC90T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFC947.5MWC90T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SAFC947.5MWC90T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Center
I.L.
Bandwidth
Attenuation
Ripple
Max.
Input/Output
Pkg.
Tape
App.
Part Number
Function
Freq.
(dB)
(MHz)
(dB)
(dB)
VSWR
GDT
Impedance
Style
Code
(MHz)
max.*
max.
( s)
824 to 849
3.8
TC00,
SAFC836.5MC90T
RF (TX)
836.5
3.8
869 to 894
25
1.8
2
N/S
50 ohm // 0pF
SC33
TC05,
920 to 2000
32
TC11,TC12
869 to 894
3.5
TC00,
SAFC881.5MC90T
RF (RX)
881.5
3.5
824 to 849
30
1.5
2.0
50 ohm // 0pF
SC33
TC05,
1100 to 2000
32
TC11,TC12
869 to 894
2.5
TC00,
SAFC881.5MD90T
RF (RX)
881.5
2.5
824 to 849
20
1.5
2.5
50 ohm // 0pF
SC33
TC05,
1100 to 2000
2.3
TC11,TC12
869 to 894
3.5
TC00,
E-AMPS SAFC881.5MWC90T
RF (RX)
881.5
3.5
824 to 849
30
1.5
2.0
50 ohm // 0pF
SC33
TC05,
/ADC
differential
1100 to 2000
28
TC11,TC12
fo ± 15kHZ
3.0
SAFC83.160MA40X
1st IF
83.160
5.0
83.04 to 83.10
20 min.
1.5
N/S
10.0
850 ohm // –2.0pF SC511
TC,
83.22 to 83.28
20 min.
TC11
fo ± 15kHZ
3.0
SAFC83.160MC40X
1st IF
83.160
5.0
83.04 to 83.10
20 min.
1.5
N/S
8.0
850 ohm // –2.0pF SC511
TC,
83.22 to 83.28
20 min.
TC11
fo ± 13kHz
3
TC,
SAFC85.380ME35X
1st IF
85.38
5.5
85.26 to 85.32
25
1.5
N/S
10
870 ohm // –1.7pF SC59
TC11,
85.44 to 85.50
25
TC04
fo ± 630kHz
3
TC,
SAFC130.4MSC10T
1st IF
130.38
5.5
135.33
40
N/S
N/S
0.8
435 ohm // 0.8uH
SC57
TC11,
139.65 to 140.91
45
TC04
1930 to 1990
4.5
SC33
TC00,
SAFC1960ML1C0T
RF (RX)
1960
4.5
1850 to 1910
15
3.0
2.5
50 ohm // 0pF
low
TC05,
1719 to 1780
23
profile
TC12
1850 to 1910
4.5
SC33
TC00,
SAFC1880ML1C0T
RF (TX)
1880
4.5
1930 to 1990
9
3.0
2.5
50 ohm // 0pF
low
TC05,
3860 to 3980
14
profile
TC12
1850 to 1885
2.8
PCS
1867.5
2.8
1930 to 1965
30
RF
3700 to 3770
20
SC44
TC,
SAFC1867.5T1897.5ML80T
split
1885 to 1910
2.8
1.8
1.8
50 ohm // 0pF
dual
TC04
TX
1897.5
2.8
1965 to 1990
30
type
TC11
3770 to 3820
20
209.75 to 211.01
5.0
SAFC210.38MWJSOX
IF
210.38
8.5
130 to 209.13
33
1.0
in 775 ohm // 68nH
SC513
TC02,
differential
211.63 to 270
33
out 465 ohm // 54nH
TC11
TC00,
SAFC902.5MA90N
RF (TX)
902.5
4
890 to 915
4
1.7
2.5
N/S
50 ohm // 0pF
SC33
TC05
935 to 960
20
TC11, TC12
890 to 915
3.5
TC00,
SAFC902.5MC90T
RF (TX)
902.5
3.5
935 to 960
25
1.5
2.1
N/S
50 ohm // 0pF
SC33
TC05,
1500 to 2000
40
TC11, TC12
890 to 915
3.5
TC00,
SAFC902.5MWC90T
RF (TX)
902.5
3.5
935 to 960
25
1.5
2.3
50 ohm // 0pF
SC33
TC05,
GSM
differential
1500 to 2000
25
TC11, TC12
935 to 960
3.5
TC00,
SAFC947.5MC90T
RF (TX)
947.5
3.5
890 to 915
35
1.5
2.3
N/S
50 ohm // 0pF
SC33
TC05,
1500 to 2000
40
TC11, TC12
935 to 960
3
TC00,
SAFC947.5MD90T
RF (TX)
947.5
3.5
890 to 915
20
1.5
2.2
50 ohm // 0pF
SC33
TC05,
1500 to 2000
23
TC11, TC12
935 to 960
3.8
TC00,
SAFC947.5MWC90T
RF (TX)
947.5
3.8
890 to 915
35
1.5
2.3
50 ohm // 0pF
SC33
TC05,
differential
1200 to 1500
35
TC11, TC12
925 to 960
3.0
SC33
TC00,
SAFC942.5MD1C0T
RF (RX)
942.5
3.0
880 to 905
18
1.7
2.8
50 ohm // 0pF
low
TC05,
1850 to 2500
30
profile
TC12
EGSM
925 to 960
4.3
SC33
TC00,
SAFC942.5MYJ1C0T
RF (RX)
942.5
4.3
980 to 1100
23
2.2
2.8
50 ohm // 0pF
low
TC05,
1600 to 2500
25
profile
TC12
1805 to 1880
4.5
SC33
TC00,
SAFC1842.5ML1C0T
RF (RX)
1842.5
4.5
1600 to 1710
35
3.0
2.5
50 ohm // 0pF
low
TC05,
1980 to 3000
20
profile
TC12
RF (RX)
925 to 960
3.7
SC44
TC,
EGSM
942.5
3.7
880 to 905
15
2.5
2.7
50 ohm // 0pF
dual
TC04,
GSM
SAFC942.5T1842.5ML80T
1600 to 2000
25
type
TC11
1800
RF (RX)
1805 to 1880
4.2
SC44
TC,
GSM1800
1842.5
4.2
1705 to 1785
7
2.5
2.7
50 ohm // 0pF
dual
TC04,
2800 to 4000
15
type
TC11
fo ± 80kHz
3
TC,
SAFC246.000MC30X
1st IF
246
5
245.6 and 246.4
25
1.0
N/S
2.5
420 ohm // –3.6pF SC59
TC04,
243 and 249
40
TC11
N/S: Not Specified.
Tape codes and package quantities defined at the end of the SAW section of this catalog.
*IL for IF filters is guaranteed at center frequency relative to 0dB reference. I.L. for RF filters is guaranted across the pass band relative to 0dB reference level.
**Attenuation for IF filters is relative to center frequency loss. Attenuation for RF filters is relative to 0dB reference level.
CG01-I
351
CERAMIC MICROWAVE FILTERS
SAW FILTERS SPECIFICATIONS
SAF Series


Similar Part No. - SAFC947.5MWC90T

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M35R501 SHARMA-SAFC155M35R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M50R501 SHARMA-SAFC155M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC156M10R501 SHARMA-SAFC156M10R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - SAFC947.5MWC90T

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
   SAW filters
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
   SAW filters
SEPT 04
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
   SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
   SAW filters
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
   SAW filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
   SAW Devices(SAW Filters)
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
   1575.42MHz SAW filters
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com