Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1004V1C-C12 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R1004V1C-C12
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1C-C12 Datasheet(HTML) 6 Page - Samsung semiconductor

  K6R1004V1C-C12 Datasheet HTML 1Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 2Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 3Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 4Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 5Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 6Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 7Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 8Page - Samsung semiconductor K6R1004V1C-C12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY
Revision 2.0
- 6 -
April 2000
CCPCCCRCELIMINARY
Preliminary
PRELIMINARY
K6R1004V1C-C/C-L, K6R1004V1C-I/C-P
CMOS SRAM
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or
VOL levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. Address valid prior to coincident with CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
TIMING WAVEFORM OF WRITE CYCLE(1) (OE= Clock)
Address
CS
tWP(2)
tDW
tDH
Valid Data
WE
Data in
Data out
tWC
tWR(5)
tAW
tCW(3)
High-Z(8)
High-Z
OE
tOHZ(6)
tAS(4)
TIMING WAVEFORM OF WRITE CYCLE(2) (OE=Low Fixed)
Address
CS
tWP1(2)
tDW
tDH
tOW
tWHZ(6)
Valid Data
WE
Data in
Data out
tWC
tAS(4)
tWR(5)
tAW
tCW(3)
(10)
(9)
High-Z(8)
High-Z


Similar Part No. - K6R1004V1C-C12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08/10 SAMSUNG-K6R1004V1D-JC08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC10 SAMSUNG-K6R1004V1D-JC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1C-C12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com