Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA821TF Datasheet(PDF) 1 Page - NEC

Part # UPA821TF
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA821TF Datasheet(HTML) 1 Page - NEC

  UPA821TF Datasheet HTML 1Page - NEC UPA821TF Datasheet HTML 2Page - NEC UPA821TF Datasheet HTML 3Page - NEC UPA821TF Datasheet HTML 4Page - NEC UPA821TF Datasheet HTML 5Page - NEC UPA821TF Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UPA821TF
NPN SILICON EPITAXIAL
TWIN TRANSISTOR
LOW NOISE:
NF = 1.2 dB TYP at f = 1 GHz, VCE = 3 V, lc = 7 mA
HIGH GAIN:
|S21E|2 = 9.0 dB TYP at f = 1 GHz, VCE = 3 V, lc = 7 mA
SMALL PACKAGE STYLE:
2 NE856 die in a 2 mm x 1.25 mm x 0.6 mm package
FEATURES
DESCRIPTION
The UPA821TF has two built-in low-voltage transistors which
are designed for low-noise amplification in the VHF to UHF
band. The two die are chosen from adjacent locations on the
wafer. These features combined with the pin configuration
make this device ideal for balanced or mirrored applications.
Low noise figures, high gain, and high current capability equate
to wide dynamic range and excellent linearity. The thinner
package style allows for higher density designs.
PRELIMINARY DATA SHEET
PART NUMBER
UPA821TF
PACKAGE OUTLINE
TS06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0
µA
1.0
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
µA
1.0
hFE
DC Current Gain1 at VCE = 3 V, IC = 7 mA
70
140
fT
Gain Bandwidth at VCE = 3 V, IC = 7 mA
GHz
3.0
4.5
Cre
Feedback Capacitance2 at VCB = 3 V, IE = 0, f = 1 MHz
pF
0.7
1.5
|S21E|2
Insertion Power Gain at VCE = 3 V, IC =7 mA, f = 1 GHz
dB
7
9
NF
Noise Figure at VCE = 3 V, IC = 7 mA, f = 1 GHz
dB
1.2
2.5
hFE1/hFE2
hFE ratio, VCE = 3 V, Ic = 7 mA
0.85
1.0
hFE1 = Smaller hFE value between Q1 and Q2
hFE2 = Larger hFE value between Q1 and Q2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes: 1. Pulsed measurement, pulse width
≤ 350 µs, duty cycle ≤ 2 %.
2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with
emitter connected to guard pin of capacitance meter.
California Eastern Laboratories
OUTLINE DIMENSIONS (Units in mm)
2.1
± 0.1
1.25
± 0.1
0 ~ 0.1
0.13
± 0.05
0.6
± 0.1
2.0
± 0.2
0.65
1.3
1
2
3
4
5
6
0.22
(All Leads)
+0.10
- 0.05
0.45
Package Outline TS06
PIN CONNECTIONS
1. Collector (Q1)
2. Emitter (Q1)
3. Collector (Q2)
4. Base (Q2)
5. Emitter (Q2)
6. Base (Q1)
PIN CONFIGURATION (Top View)
Note:
Pin 3 is identified with a circle on the bottom of the package.
B1
E2
B2
C1
E1
C2
65
4
1
Q1
Q2
23


Similar Part No. - UPA821TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA821TF RENESAS-UPA821TF Datasheet
225Kb / 18P
   SILICON TRANSISTOR
1997
More results

Similar Description - UPA821TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com