Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9851-2-V-A Datasheet(PDF) 3 Page - NEC

Part # PS9851-2-V-A
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9851-2-V-A Datasheet(HTML) 3 Page - NEC

  PS9851-2-V-A Datasheet HTML 1Page - NEC PS9851-2-V-A Datasheet HTML 2Page - NEC PS9851-2-V-A Datasheet HTML 3Page - NEC PS9851-2-V-A Datasheet HTML 4Page - NEC PS9851-2-V-A Datasheet HTML 5Page - NEC PS9851-2-V-A Datasheet HTML 6Page - NEC PS9851-2-V-A Datasheet HTML 7Page - NEC PS9851-2-V-A Datasheet HTML 8Page - NEC PS9851-2-V-A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Data Sheet PN10493EJ01V0DS
3
PS9851-1,-2
ORDERING INFORMATION
Part Number
Package
Packing Style
Safety Standards
Approval
Solder plating
specification
Application
Part Number
*1
PS9851-1
8-pin SSOP
20 pcs (Tape 20 pcs cut)
Standard products
Sn-Pb
PS9851-1
PS9851-1-F3
(SO-8)
Embossed Tape 1 500 pcs/reel
(UL awaiting
PS9851-1-F4
approved)
PS9851-2
20 pcs (Tape 20 pcs cut)
PS9851-2
PS9851-2-F3
Embossed Tape 1 500 pcs/reel
PS9851-2-F4
PS9851-1-V
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9851-1
PS9851-1-V-F3
Embossed Tape 1 500 pcs/reel
(VDE0884 Part2)
PS9851-1-V-F4
awaiting approved
PS9851-2-V
20 pcs (Tape 20 pcs cut)
(Option)
PS9851-2
PS9851-2-V-F3
Embossed Tape 1 500 pcs/reel
PS9851-2-V-F4
PS9851-1-A
20 pcs (Tape 20 pcs cut)
Standard products
Sn-Bi
PS9851-1
PS9851-1-F3-A
Embossed Tape 1 500 pcs/reel
(UL awaiting
PS9851-1-F4-A
approved)
PS9851-2-A
20 pcs (Tape 20 pcs cut)
PS9851-2
PS9851-2-F3-A
Embossed Tape 1 500 pcs/reel
PS9851-2-F4-A
PS9851-1-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9851-1
PS9851-1-V-F3-A
Embossed Tape 1 500 pcs/reel
(VDE0884 Part2)
PS9851-1-V-F4-A
awaiting approved
PS9851-2-V-A
20 pcs (Tape 20 pcs cut)
(Option)
PS9851-2
PS9851-2-V-F3-A
Embossed Tape 1 500 pcs/reel
PS9851-2-V-F4-A
*1 For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS9851-2-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9851-2-V-A CEL-PS9851-2-V-A Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
PS9851-2-V-A CEL-PS9851-2-V-A Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9851-2-V-AX CEL-PS9851-2-V-AX Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9851-2-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1_V1 CEL-PS9851-1_V1 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com