Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD5702 Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPD5702
Description  NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPD5702 Datasheet(HTML) 3 Page - California Eastern Labs

  UPD5702 Datasheet HTML 1Page - California Eastern Labs UPD5702 Datasheet HTML 2Page - California Eastern Labs UPD5702 Datasheet HTML 3Page - California Eastern Labs UPD5702 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE DIMENSIONS (Units in mm)
PACKAGE OUTLINE TU
UPD5702TU
0.1
0.4
0.4
1.4
0.25 0.25
0.75
0.75
0.16
2.0
0.5
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/04/2004
Top View
Bottom View
Side View


Similar Part No. - UPD5702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5702TU RENESAS-UPD5702TU Datasheet
231Kb / 13P
   Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPD5702TU-A CEL-UPD5702TU-A Datasheet
391Kb / 10P
   Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5702TU-E2 RENESAS-UPD5702TU-E2 Datasheet
231Kb / 13P
   Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPD5702TU-E2-A CEL-UPD5702TU-E2-A Datasheet
391Kb / 10P
   Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
More results

Similar Description - UPD5702

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
   2.4 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
   Bluetooth 2.4-GHz Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com