Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2008TK-E2 Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPG2008TK-E2
Description  NECs L,S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2008TK-E2 Datasheet(HTML) 1 Page - California Eastern Labs

  UPG2008TK-E2 Datasheet HTML 1Page - California Eastern Labs UPG2008TK-E2 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
NEC's L,S BAND ULTRA SMALL
SPDT GaAs MMIC SWITCH
ULTRA SMALL 6 PIN RECESSED LEAD
MINI-MOLD PACKAGE:
Size: 1.5 x 1.1 x 0.55 mm
LOW INSERTION LOSS:
LINS = 0.40 dB TYP at f = 1 GHz
LINS = 0.60 dB TYP at f = 2.5 GHz
HIGH ISOLATION:
ISOL = 25 dB TYP at f = 2.5 GHz
UPG2008TK
PRELIMINARY DATA SHEET
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE TK
California Eastern Laboratories
NEC's UPG2008TK is a Single Pole Double Throw (SPDT)GaAs
MMIC switch, developed for applications in the 0.5 to 2.5 GHz
frequency range. This device is housed in NEC's ultra small
"TK" plastic surface mount package. This 6 pin recessed lead
mini mold package has a footprint that is over 50% smaller than
conventional small size SOT-363 package types. Package
height is also reduced by 39% by incorporating a flat lead style.
These tremendous size reductions make this switch an ideal
device for small size portable applications and modules.
NEC's stringent quality assurance and test procedures assure
the highest performance. consistency and reliability.
DESCRIPTION
APPLICATION
L, S band digital cellular or cordless handsets
PCS, Bluetooth, WLAN, and WLL applications
PART NUMBER
UPG2008TK
PACKAGE OUTLINE
TK
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
LINS
Insertion Loss
f = 0.5 to 1.0 GHz
dB
0.40
0.70
f = 1.0 to 2.0 GHz
dB
0.50
0.80
f = 2.0 to 2.5 GHz
dB
0.60
0.85
ISOL
Isolation
f = 0.5 to 2.5 GHz
dB
22
25
RLIN
Input Return Loss
f = 0.5 to 2.5 GHz
dB
13
20
RLOUT
Output Return Loss
f = 0.5 to 2.5 GHz
dB
13
20
PIN(0.1dB)
Input Power at 0.1 dB Compression
f = 1.0 GHz1
dBm
20
PIN(1dB)
Input Power at 1 dB Compression
f = 1.0 GHz1
dBm
20
25
tsw
Switching Speed
ns
50
ICONT
Control Current, at VCONT = 2.8 V/0 V, no RF signal
µA
0.5
10
ELECTRICAL CHARACTERISTICS (Unless Otherwise Specified, TA = 25°C, VCONT1 = 2.8 V and VCONT2 = 0 V or
VCONT1 = 0V and VCONT2 = 2.8 V, ZO = 50Ω, off chip DC blocking capacitor value, 51pF)
Note:
1. PIN(0.1dB) or PIN(1dB) measured the input power level when the insertion loss increases to more than that of the linear range. All other
characterisitics are measured in the the linear range.


Similar Part No. - UPG2008TK-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2008TK-E2 RENESAS-UPG2008TK-E2 Datasheet
247Kb / 13P
   GaAs INTEGRATED CIRCUIT
2004
More results

Similar Description - UPG2008TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG153TB NEC-UPG153TB_01 Datasheet
36Kb / 4P
   L, S Band SPDT GaAs MMIC Switch
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
   L, S BAND SPDT GaAs MMIC SWITCH
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV_97 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com