Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2024TQ-E1-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPG2024TQ-E1-A
Description  NECs GaAs MMIC DPDT SWITCHES FOR 5 GHz BAND WIRELESS LAN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2024TQ-E1-A Datasheet(HTML) 2 Page - California Eastern Labs

  UPG2024TQ-E1-A Datasheet HTML 1Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 2Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 3Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 4Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 5Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 6Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 7Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 8Page - California Eastern Labs UPG2024TQ-E1-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UPG2024TQ
PIN CONNECTIONS
2024
10 9 8 7 6
1 2 3 4 5
(Top View)
6 7 8 9 10
5 4 3 2 1
(Bottom View)
GND
PIN NO.
PIN NAME
1
TX
2
Vcont1
3
Vcont2
4
GND
5
RX
6
ANT1
7
Vcont3
8
Vcont4
9
GND
10
ANT2
ABSOLUTE MAXIMUM RATINGS (TA = +25ºC, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Control Voltage
Vcont
6.0 to +6.0 Note 1
V
Input Power
Pin
+36
dBm
Total Power Dissipation
Ptot
0.15 Note 2
W
Operating Ambient Temperature
TA
45 to +85
°
C
Storage Temperature
Tstg
65 to +150
°
C
Notes 1. Within the condition of | Vcont1−Vcont2 | ≤ 6.0 V
2. Mounted on double-sided copper-clad 50 × 50 × 1.6 mm epoxy glass PWB, TA = +85°C
RECOMMENDED OPERATING RANGE (TA = +25ºC )
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control Voltage (High)
Vcont (H)
2.7
2.8
3.3
V
Control Voltage (Low)
Vcont (L)
0.2
0
+0.2
V
Operating Frequency
f
4.8
5.85
GHz
Operating Ambient Temperature
TA
40
+25
+85
°
C


Similar Part No. - UPG2024TQ-E1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2024TQ-E1-A RENESAS-UPG2024TQ-E1-A Datasheet
276Kb / 14P
   GaAs INTEGRATED CIRCUIT
2005
More results

Similar Description - UPG2024TQ-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2164T5N NEC-UPG2164T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com