Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8562LF638-BA Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8562LF638-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8562LF638-BA Datasheet(HTML) 3 Page - California Eastern Labs

  NX8562LF638-BA Datasheet HTML 1Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 2Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 3Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 4Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 5Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 6Page - California Eastern Labs NX8562LF638-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX8562 SERIES
TYPICAL PERFORMANCE CURVES (TC = TSET, unless otherwise specified)
LONGITUDINAL MODE
Wavelength λ (nm)
10
0
-10
-20
-30
-40
-50
-60
-70
1540
1550
1560
30.0
25.0
20.0
15.0
10.0
5.0
0
0
40
80
120
160
200
120
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
2.4
24.0
20.0
16.0
12.0
8.0
4.0
0
0
0.2
0.8
1.2
1.6
2.0
025
50
75
50
30
20
10
5
3
2
1
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
Forward Current, IF (mA)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
OPTICAL OUTPUT POWER FROM FIBER
vs. MONITOR CURRENT
Monitor Current, IM (mA)
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)


Similar Part No. - NX8562LF638-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8562LF638-BA RENESAS-NX8562LF638-BA Datasheet
301Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8562LF638-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com