Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9073703MHA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5962-9073703MHA
Description  MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9073703MHA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5962-9073703MHA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-90737
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
C
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Drain OFF leakage
current
ID(OFF)
VD = ±15.5 V,
2/
VS = ±15.5 V,
1
03
±0.75
nA
VIN = 0.8 V, 2.4 V,
V+ = +16.5 V, V- = -16.5 V
2,3
±60
Drain ON leakage
current
ID(ON)
VD = ±15.5 V,
VS = ±15.5 V, VIN = 0.8 V,
1
01
±0.4
nA
V+ = +16.5 V, V- = -16.5 V
2,3
±40
VD = ±15.5 V,
VS = ±15.5 V, VIN = 2.4 V,
1
02
±0.4
V+ = +16.5 V, V- = -16.5 V
2,3
±40
VD = ±15.5 V,
2/
VS = ±15.5 V,
1
03
±0.75
VIN = 0.8 V, 2.4 V,
V+ = +16.5 V, V- = -16.5 V
2,3
±60
Logic input current,
input voltage low
IIL
VIN = 0.8 V
1,2,3
All
±0.5
µA
Logic input current,
input voltage high
IIH
VIN = 2.4 V
1,2,3
All
±0.5
µA
Turn-ON time
tON
RL = 300 Ω, CL = 35 pF,
9
01,02
10
175
ns
VS = ±10 V, see figure 3
10,11
10
250
Turn-OFF time
tOFF
RL = 300 Ω, CL = 35 pF,
9
01,02
10
145
ns
VS = ±10 V, see figure 3
10,11
10
210
Transition time
ttrans
RL = 300 Ω, CL = 35 pF,
9
03
10
175
ns
VS1 = ±10 V, VS2 = ±10 V,
see figures 4 and 6
10,11
10
250
See footnotes at end of table.


Similar Part No. - 5962-9073703MHA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results

Similar Description - 5962-9073703MHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Solitron Devices Inc.
SDP117 SOLITRON-SDP117 Datasheet
98Kb / 14P
   MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
logo
List of Unclassifed Man...
AD96687BPZ ETC-AD96687BPZ Datasheet
72Kb / 11P
   MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD625JNZ ETC-AD625JNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-89637 ETC2-5962-89637 Datasheet
63Kb / 10P
   MICROCIRCUIT, LINEAR, WIDEBAND RMS-TO-DC CONVERTER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com