Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8562LF671-BA Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8562LF671-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8562LF671-BA Datasheet(HTML) 2 Page - California Eastern Labs

  NX8562LF671-BA Datasheet HTML 1Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 2Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 3Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 4Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 5Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 6Page - California Eastern Labs NX8562LF671-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NX8562 SERIES
PART NUMBER
NX8562 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Im
Monitor Current, Pf = 20 mW, VR = 5 V
µA
100
2000
ID
Dark Current, VR = 5 V
nA
10
γ1
Tracking Error, Im = const.
dB
0.5
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = 25°C, TC = -20 to +70°C)
Pf
(mW)
TLD = TC = 25
°C
(at Pf (25
°C) = 20 mW)
TLD = 25
°C, TC = -20 to +70°C
10
0
Pf
Im
Im
Note:
1. γ = 10 log
Pf
20 mW
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current of LD
mA
300
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-20 to +70
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
°C
260
Temperature (10 s)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
PART NUMBER
NX8562 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
R
Thermistor Resistance
kΩ
9.5
10.0
10.5
B
B Constant
K
3350
3450
3550
IC
Cooler Current, ∆T = 70 - Tset, Pf = 20 mW
A
1
VC
Cooler Voltage, ∆T = 70 - Tset, Pf = 20 mW
V
2
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TLD = 25°C, TC = -20 to +70°C)


Similar Part No. - NX8562LF671-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8562LF671-BA RENESAS-NX8562LF671-BA Datasheet
301Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8562LF671-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com