Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRMA1C05 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PRMA1C05
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PRMA1C05 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PRMA1C05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PRMA1C05 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
MECHANICAL DIMENSIONS
19.60 MAX.
(0.772)
PRMA
6.90 MAX.
(0.272)
1
2
14
13
6
7
9
8
6.70 MAX.
(0.264)
7.33 MAX.
(0.289)
15.24
(0.600)
10.16
(0.400)
0.49
(0.019)
3.20 – 0.25
(0.125 – 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
Top View
19.60
(0.772)
PRME
5.00 MAX.
(0.197)
5.30 – 0.10
(0.208 – 0.003)
10.16
(0.400)
15.24
(0.600)
0.46
(0.018)
3.20 – 0.25
(0.125 – 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
6.40
(0.252)
1
2
14
13
6
7
9
8
Top View
19.60 MAX.
(0.772)
DSS7
6.90 MAX.
(0.272)
1
13
6
8
6.70 MAX.
(0.264)
7.33 MAX.
(0.289)
15.24
(0.600)
10.16
(0.400)
0.49
(0.019)
3.20 – .25
(0.125 – 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
Top View
PRMA 1A
1
2
14
13
6
78
Top View
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 1B
Top View
1
2
14
13
6
78
+
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 1C
Top View
1
2
14
6
78
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 2A
Top View
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
1
2
14
13
6
78
MVS2/MSS2
1
2
14
13
6
78
Top View
* MVS2 only must be mounted
vertically with pin #1 UP.
UP
*
PRMA 10037/10038/10039
1
2
14
13
6
7
9
8
Top View
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRME
114
13
6
78
Top View
Options:
Diode - pin #13 is positive
Electrostatic shield - pin 9
DSS7
1
13
6
8
Top View
MSV must be mounted verti-
cally. Pin #1 is up.
DIMENSIONS
mm
(inches)
SRC
DEVICES
8
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - PRMA1C05

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMA30L MIC-PRMA30L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30M MIC-PRMA30M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30Z MIC-PRMA30Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40M MIC-PRMA40M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results

Similar Description - PRMA1C05

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com