Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6124V1WP15E Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6124V1WP15E
Description  Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6124V1WP15E Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6124V1WP15E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6124V1WP15E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
R
EM6124
Copyright
© 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Digitally Programmable 8 to 25 Multiplex
LCD Controller & Driver
Description
The EM6124 is a low power CMOS LCD controller and
driver. The 8, 16, 20 and 24 way multiplex are digitally
programmable by the command byte. One additional line
can be added for Icons or Inverted Video by programming
9, 17, 21 or 25 way multiplex. The display refresh is
handled on chip by an internal RC oscillator via one
selectable 25 x 116 RAM which holds the LCD content
driven by the driver. LCD pixels (or segments) are
addressed on a one to one basis with the 25 x 116 bit
RAM (a set bit corresponds to an activated LCD pixel).
The EM6124 has very low dynamic current consumption,
typically 70 µA at VDD = 2 V, VLCD = 7 V making it
particularly attractive for portable and battery powered
products. The wide operating range on supply voltages
and temperature offers much application flexibility. The
LCD voltage, bias generation and frame frequency are
generated on chip. The clock signal can be used to shift
and to latch the data into the RAM.
Applications
• Mobile phones (GSM, DECT)
• Smart cards
• Automotive displays
• Portable, battery operated products
• Balances and scales, utility meters
Features
• Slim IC for chip-on-board, with gold bumps for Chip-On-
Glass and Chip-On-Flex technologies
• Very simple 2-wire interface
• Digitally programmable multiplex rates:
8 x 113, 9 x 112, 16 x 105, 17 x 104, 20 x 101, 21 x 100,
24 x 97, 25 x 96
• No lost pads while row driver from 8 up to 25
• On chip: Voltage multiplier, VLCD up to 7 V (3 to 6 V at
25 °C), 64 VLCD digitally programming steps, 4 VLCD
temperature compensation factors, bias generation, VON
/ VOFF generation, frame frequency, display refresh RAM
• No busy state
• High noise immunity in inputs
• No external components needed, except a VLCD
capacitor
• Digitally reversing row data
• Digitally reversing column data
• Inverting data function
• Blank function
• Set function
• Checker and Inverted Checker functions
• Sleep modes
• Low LCD operating current consumption
• Wide VDD voltage supply range, 2 to 5 V
• Wide temperature range: -40 to + 85 °C
• Direct display of RAM data through the display data
RAM
(To cascade ICs,
please see Fig. 19 and contact EM
Microelectronic-Marin S.A.)
Typical Operating Configuration
Fig. 1
Pad Assignment
Fig. 2
Slim Form Chip
(To
contact
Power
Supplies,
please
see
Fig. 20)
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6124V1WP15E

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM61200 EMC-EM61200 Datasheet
1Mb / 18P
   8-Channel Wave-Table Music Synthesizer
logo
EM Microelectronic - MA...
EM6121 EMMICRO-EM6121 Datasheet
178Kb / 1P
   26, 18, 10 & 2 MUX LCD Controller and Driver Character Generator ROM and RAM inside
EM6125 EMMICRO-EM6125 Datasheet
1Mb / 43P
   Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
EM6125WP15 EMMICRO-EM6125WP15 Datasheet
1Mb / 43P
   Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
EM6125WP15E EMMICRO-EM6125WP15E Datasheet
1Mb / 43P
   Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
More results

Similar Description - EM6124V1WP15E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6125 EMMICRO-EM6125 Datasheet
1Mb / 43P
   Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
logo
NEC
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
   PROGRAMMABLE LCD CONTROLLER/DRIVER
logo
EM Microelectronic - MA...
V6118 EMMICRO-V6118 Datasheet
1Mb / 15P
   2, 4 and 8 Multiplex LCD Driver
logo
NXP Semiconductors
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
   Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com