Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889831AKT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS889831AKT
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831AKT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS889831AKT Datasheet HTML 1Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 2Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 3Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 4Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 5Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 6Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 7Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 8Page - Integrated Circuit Systems ICS889831AKT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
4
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 2.5V ± 5%, 3.3V ± 5%; VEE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
7
3
.
23
.
35
6
4
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
6A
m
ABSOLUTE MAXIMUM RATINGS
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage
to the device. These ratings are stress specifi-
cations only. Functional operation of product at
these conditions or any conditions beyond those
listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may
affect product reliability.
Supply Voltage, V
CC
4.6V (LVPECL mode, V
EE = 0)
Negative Supply Voltage, V
EE
-4.6V (ECL mode, V
CC = 0)
Inputs, V
I (LVPECL mode)
-0.5V to V
CC + 0.5 V
Inputs, V
I (ECL mode)
0.5V to V
EE - 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Input Current, IN, nIN
±50mA
V
T Current, IVT
±100mA
Input Sink/Source, I
REF_AC
± 0.5mA
Operating Temperature Range, TA -40°C to +85°C
Storage Temperature, T
STG
-65°C to 150°C
Package Thermal Impedance,
θ
JA
51.5°C/W (0 lfpm)
(Junction-to-Ambient)
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = 2.5V ± 5%, 3.3V ± 5%; VEE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I2
V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I0
8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IV
C
C
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IV
C
C
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
TABLE 4C. DC CHARACTERISTICS, V
CC = 2.5V ± 5%, 3.3V ± 5%; VEE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
I
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D)
N
I
n
,
N
I
(T
V
-
o
t
-
N
I0
40
50
6
Ω
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I)
N
I
n
,
N
I
(2
.
1V
C
C
V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I)
N
I
n
,
N
I
(0
V
H
I
5
1
.
0
-V
V
N
I
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
n
I
5
1
.
08
.
2V
V
C
A
_
F
E
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
RV
C
C
2
4
.
1
-V
C
C
7
3
.
1
-V
C
C
2
3
.
1
-V
V
N
I
_
F
F
I
D
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
3
.
04
.
3V
I
N
I
1
E
T
O
N
;
t
n
e
r
r
u
C
t
u
p
n
I)
N
I
n
,
N
I
(5
3A
m
.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
:
1
E
T
O
N


Similar Part No. - ICS889831AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AK IDT-ICS889832AK Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AKT IDT-ICS889832AKT Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
193Kb / 7P
   LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
ICS889834 ICST-ICS889834 Datasheet
70Kb / 7P
   3.3V LVPECL DRIVER TERMINATION
More results

Similar Description - ICS889831AKT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S111AI RENESAS-853S111AI Datasheet
481Kb / 21P
   Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
2019
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
logo
Integrated Device Techn...
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
   Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com