Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8571SC667-BA Datasheet(PDF) 7 Page - California Eastern Labs

Part # NX8571SC667-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC667-BA Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NX8571SC667-BA Datasheet HTML 3Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 4Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 5Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 9Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 10Page - California Eastern Labs NX8571SC667-BA Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (3/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
537D
525
1552.52
193.10
Negative
529
1552.92
193.05
Positive
533
1553.32
193.00
Negative
537
1553.73
192.95
Positive
553D
541
1554.13
192.90
Negative
545
1554.53
192.85
Positive
549
1554.94
192.80
Negative
553
1555.34
192.75
Positive
569D
557
1555.74
192.70
Negative
561
1556.15
192.65
Positive
565
1556.55
192.60
Negative
569
1556.95
192.55
Positive
585D
573
1557.36
192.50
Negative
577
1557.76
192.45
Positive
581
1558.17
192.40
Negative
585
1558.57
192.35
Positive
602D
589
1558.98
192.30
Negative
593
1559.38
192.25
Positive
597
1559.79
192.20
Negative
602
1560.20
192.15
Positive
618D
606
1560.60
192.10
Negative
610
1561.01
192.05
Positive
614
1561.41
192.00
Negative
618
1561.82
191.95
Positive
634D
622
1562.23
191.90
Negative
626
1562.64
191.85
Positive
630
1563.04
191.80
Negative
634
1563.45
191.75
Positive
650D
638
1563.86
191.70
Negative
642
1564.27
191.65
Positive
646
1564.67
191.60
Negative
650
1565.08
191.55
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
7


Similar Part No. - NX8571SC667-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC667D-BA RENESAS-NX8571SC667D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC667-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com