Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5964 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5964
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5964 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5964 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2125 / 2SC5964
No.7988-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)1A, IB=(--)50mA
(--125)100
(--230)150
mV
VCE(sat)2
IC=(--)2A, IB=(--)100mA
(--250)190
(--500)290
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
VCE=(--)2V, IB=(--)100mA
(--)0.94
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100µA, RBE=0
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0
(--)6
V
Turn-On Time
ton
See specified test circuit.
(30)35
ns
Storage Time
tstg
See specified test circuit.
(230)300
ns
Fall Time
tf
See specified test circuit.
(18)25
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2038B
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
0.75
4.5
1.6
0.4
12
3
1.5
IC=10IB1= --10IB2=1A
For PNP, the polarity is reversed.
VR
RB
VCC=25V
VBE= --5V
+
+
50
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
D.C.
≤1%
IB1
IB2
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--5.0
--4.5
--4.0
--3.0
--3.5
--2.0
--2.5
--1.0
--1.5
--0.5
0
--0.4
0
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
5.0
4.5
4.0
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT07258
IT07259
--10mA
--20mA
--50mA
--150mA
--250mA
--100mA
IB=0
--5mA
10mA
20mA
40mA
80mA
60mA
100mA
IB=0
5mA
2SA2125
--200mA
2SC5964


Similar Part No. - 2SC5964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5964 SANYO-2SC5964 Datasheet
473Kb / 8P
   DC / DC Converter Applications
logo
ON Semiconductor
2SC5964 ONSEMI-2SC5964 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
logo
Sanyo Semicon Device
2SC5964-TD-E SANYO-2SC5964-TD-E Datasheet
473Kb / 8P
   DC / DC Converter Applications
logo
ON Semiconductor
2SC5964-TD-E ONSEMI-2SC5964-TD-E Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SC5964-TD-H ONSEMI-2SC5964-TD-H Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
More results

Similar Description - 2SC5964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3145 SANYO-CPH3145 Datasheet
47Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2196 SANYO-2SA2196 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3221 SANYO-CPH3221 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3143 SANYO-MCH3143 Datasheet
44Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2197 SANYO-2SA2197 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3145 SANYO-MCH3145 Datasheet
48Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
   PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com