Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5399YRM-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5399YRM-REEL7
Description  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5399YRM-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5399YRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD5399
Rev. D | Page 8 of 12
VDD = 5V
0.1
1
100
10
1000
–60
–40
–20
0
20
40
60
80
100
120
140
SHUTDOWN TEMPERATURE (°C)
Figure 12. Shutdown Current vs. Temperature
VDD = 5V
TA = 25°C
CURRENT SINKING
CODE = 0x000 = 2V
CURRENT SOURCING
CODE = 0x000 = 2V
CURRENT SINKING
CODE = 0x800 = 0V
0
6
8
2
4
14
16
18
10
12
20
–6
–4
–2
02468
10
∆V
OUT (mV)
Figure 13. Load Current vs. Voltage Drop
VDD = 5V
BURN-IN TEMPERATURE = 125°C
V–FS
V+FS
VBZ
VBZS
–0.5
–0.2
–0.3
–0.4
0.3
0.2
0.1
0
–0.1
0.5
0.4
0
200
400
600
800
1000
1200
HOURS OF OPERATION
Figure 14. Long-Term Drift
SS = 345
25°C to 85°C
0
10
20
50
60
30
40
70
–45 –40–35 –30–25 –20 –15 –10 –5
20
40
0
5
10 15
25 30 35
TEMPCO (ppm/°C)
Figure 15. VBZ Temperature Coefficient (TA = 25°C to 85°C)
SS = 345
25°C to 105°C
0
40
20
80
60
100
–15 –10 –5
0
5
10
15
20
25
30
35
40
45
50
TEMPCO (ppm/°C)
Figure 16. VBZ Temperature Coefficient (TA = 25°C to 105°C)
0
5
10
15
30
35
20
25
40
–45 –40 –35 –30 –25 –20 –15 –10 –5 0
5
10 15 20 25 30 35 40
TEMPCO (ppm/°C)
SS = 345
–40°C to +25°C
Figure 17. VBZ Temperature Coefficient (TA = –40°C to +25°C)


Similar Part No. - AD5399YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results

Similar Description - AD5399YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
[Old version datasheet]   8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
   Two?셲 Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com