Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16800A-7T Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS42S16800A-7T
Description  16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS42S16800A-7T Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS42S16800A-7T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 9Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 10Page - Integrated Circuit Solution Inc IS42S16800A-7T Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
ADVANCEDINFORMATION
Rev. 00A
06/01/02
ISSI®
IS42S81600A, IS42S16800A, IS42S32400A
IS42LS81600A, IS42LS16800A, IS42LS32400A
PIN CONFIGURATIONS
86 pin TSOP - Type II for x32
PIN DESCRIPTIONS
A0-A11
Row Address Input
A0-A8, A10
Column Address Input
BA0, BA1
Bank Select Address
I/O0 to I/O31
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
VDD
I/O0
VDDQ
I/O1
I/O2
VSSQ
I/O3
I/O4
VDDQ
I/O5
I/O6
VSSQ
I/O7
NC
VDD
DQM0
WE
CAS
RAS
CS
A11
BA0
BA1
A10
A0
A1
A2
DQM2
VDD
NC
I/O16
VSSQ
I/O17
I/O18
VDDQ
I/O19
I/O20
VSSQ
I/O21
I/O22
VDDQ
I/O23
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VSS
I/O15
VSSQ
I/O14
I/O13
VDDQ
I/O12
I/O11
VSSQ
I/O10
I/O9
VDDQ
I/O8
NC
VSS
DQM1
NC
NC
CLK
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
VSS
NC
I/O31
VDDQ
I/O30
I/O29
VSSQ
I/O28
I/O27
VDDQ
I/O26
I/O25
VSSQ
I/O24
VSS
WE
Write Enable
DQM0-DQM3
x32 Input/Output Mask
VDD
Power
Vss
Ground
VDDQ
Power Supply for I/O Pin
VssQ
Ground for I/O Pin
NC
No Connection


Similar Part No. - IS42S16800A-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16800A-7T ISSI-IS42S16800A-7T Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-7TI ISSI-IS42S16800A-7TI Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-7TL ISSI-IS42S16800A-7TL Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-7TLI ISSI-IS42S16800A-7TLI Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16800A-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com