Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16800A-10T Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS42S16800A-10T
Description  16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS42S16800A-10T Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IS42S16800A-10T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 9Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 10Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 11Page - Integrated Circuit Solution Inc IS42S16800A-10T Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
ISSI®
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
ADVANCEDINFORMATION
Rev. 00A
06/01/02
IS42S81600A, IS42S16800A, IS42S32400A
IS42LS81600A, IS42LS16800A, IS42LS32400A
PIN FUNCTIONS
Symbol
Type
Function (In Detail)
A0-A11
Input Pin
Address Inputs: A0-A11 are sampled during the ACTIVE
command (row-address A0-A11) and READ/WRITE command (A0-A7
with A10 defining auto precharge) to select one location out of the memory array
in the respective bank. A10 is sampled during a PRECHARGE command to determine if
all banks are to be precharged (A10 HIGH) or bank selected by
BA0, BA1 (LOW). The address inputs also provide the op-code during a LOAD MODE
REGISTER command.
BA0, BA1
Input Pin
Bank Select Address: BA0 and BA1 defines which bank the ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
CAS
Input Pin
CAS, in conjunction with the RAS and WE, forms the device command. See the
"Command Truth Table" for details on device commands.
CKE
Input Pin
The CKE input determines whether the CLK input is enabled. The next rising edge of the
CLK signal will be valid when is CKE HIGH and invalid when LOW. When CKE is LOW,
the device will be in either power-down mode, clock suspend mode, or self refresh
mode. CKE is an asynchronous input.
CLK
Input Pin
CLK is the master clock input for this device. Except for CKE, all inputs to this device
are acquired in synchronization with the rising edge of this pin.
CS
Input Pin
The
CS input determines whether command input is enabled within the device.
Command input is enabled when
CS is LOW, and disabled with CS is HIGH. The device
remains in the previous state when
CS is HIGH.
I/O0 to
I/O Pin
I/O0 to I/O32 are I/O pins. I/O through these pins can be controlled in byte units
I/O32
using the LDQM and UDQM pins.
LDQM,
Input Pin
LDQM and UDQM control the lower and upper bytes of the I/O buffers. In read
UDQM
mode, LDQM and UDQM control the output buffer. When LDQM or UDQM is LOW, the
corresponding buffer byte is enabled, and when HIGH, disabled. The outputs go to the
HIGH impedance state when LDQM/UDQM is HIGH. This function corresponds to
OE
in conventional DRAMs. In write mode, LDQM and UDQM control the input buffer.
When LDQM or UDQM is LOW, the corresponding buffer byte is enabled, and data can
be written to the device. When LDQM or UDQM is HIGH, input data is masked and
cannot be written to the device.
DQM0-DQM3
Input Pin
DQM
Input Pin
RAS
Input Pin
RAS, in conjunction with CAS and WE, forms the device command. See the "Command
Truth Table" item for details on device commands.
WE
Input Pin
WE, in conjunction with RAS and CAS, forms the device command. See the "Command
Truth Table" item for details on device commands.
VDDQ
Power Supply Pin
VDDQ is the output buffer power supply.
VDD
Power Supply Pin
VDD is the device internal power supply.
VSSQ
Power Supply Pin
VSSQ is the output buffer ground.
VSS
Power Supply Pin
VSS is the device internal ground.


Similar Part No. - IS42S16800A-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16800A-10T ISSI-IS42S16800A-10T Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-10TI ISSI-IS42S16800A-10TI Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-10TL ISSI-IS42S16800A-10TL Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-10TLI ISSI-IS42S16800A-10TLI Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16800A-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com