Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P72204 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71P72204
Description  18Mb Pipelined QDRII SRAM Burst of 2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P72204 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71P72204 Datasheet HTML 1Page - Integrated Device Technology IDT71P72204 Datasheet HTML 2Page - Integrated Device Technology IDT71P72204 Datasheet HTML 3Page - Integrated Device Technology IDT71P72204 Datasheet HTML 4Page - Integrated Device Technology IDT71P72204 Datasheet HTML 5Page - Integrated Device Technology IDT71P72204 Datasheet HTML 6Page - Integrated Device Technology IDT71P72204 Datasheet HTML 7Page - Integrated Device Technology IDT71P72204 Datasheet HTML 8Page - Integrated Device Technology IDT71P72204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6.42
2
IDT71P72204 (2M x 8-Bit), 71P72104 (2M x 9-Bit), 71P72804 (1M x 18-Bit) 71P72604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 2
Commercial Temperature Range
Echo Clock
The echo clocks, CQ and
CQ, are generated by the C and C clocks
(or K,
K if C, C are disabled). The rising edge of C generates the rising
edge of CQ, and the falling edge of
CQ. The rising edge of C generates
the rising edge of
CQ and the falling edge of CQ. This scheme improves
the correlation of the rising and falling edges of the echo clock and will
improve the duty cycle of the individual signals.
The echo clock is very closely aligned with the data, guaranteeing that
the echo clock will remain closely correlated with the data, within the
tolerances designated.
Read and Write Operations
QDRII devices internally store the two words of the burst as a single,
wide word and will retain their order in the burst. There is no ability to
address to the single word level or reverse the burst order; however, the
byte and nibble write signals can be used to prevent writing any indi-
vidual bytes, or combined to prevent writing one word of the burst.
Read operations are initiated by holding the read port select (
R) low,
and presenting the read address to the address port during the rising
edge of K which will latch the address. The data will then be read and will
appear at the device output at the designated time in correspondence
with the C and
C clocks.
Write operations are initiated by holding the write port select (
W) low
and designating with the Byte Write inputs (
BWx) which bytes are to be
written (or
NWx on x8 devices). The first word of the data must also be
present on the data input bus D[X:0]. Upon the rising edge of K the first
word of the burst will be latched into the input register. After K has risen,
and the designated hold times observed, the second half of the clock
cycle is initiated by presenting the write address to the address bus
SA[X:0], the
BWx (or NWx) inputs for the second data word of the burst,
and the second data item of the burst to the data bus D[X:0]. Upon the
rising edge of
K, the second word of the burst will be latched, along with
the designated address. Both the first and second words of the burst will
then be written into memory as designated by the address and byte write
enables.
Output Enables
The QDRII SRAM automatically enables and disables the Q[X:0]
outputs. When a valid read is in progress, and data is present at the
output, the output will be enabled. If no valid data is present at the output
(read not active), the output will be disabled (high impedance). The
echo clocks will remain valid at all times and cannot be disabled or turned
off. During power-up the Q outputs will come up in a high impedance
state.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on
the SRAM and Vss to allow the SRAM to adjust its output drive imped-
ance. The value of RQ must be 5X the value of the intended drive
impedance of the SRAM. The allowable range of RQ to guarantee
impedance matching with a tolerance of +/- 10% is between 175 ohms
and 350 ohms, with VDDQ = 1.5V. The output impedance is adjusted
The device is capable of sustaining full bandwidth on both the input
and output ports simultaneously. All data is in two word bursts, with
addressing capability to the burst level.
Clocking
The QDRII SRAM has two sets of input clocks, namely the K,
K clocks
and the C,
C clocks. In addition, the QDRII has an output “echo” clock,
The K and
K clocks are the primary device input clocks. The K clock
is, used to clock in the control signals (
R, W and BWx or NWx), the read
address, and the first word of the data burst during a write operation.
The
K clock is used to clock in the control signals (BWx or NWx), write
address and the second word of the data burst during a write operation.
The K and
K clocks are also used internally by the SRAM. In the event
that the user disables the C and
C clocks, the K and K clocks will also be
used to clock the data out of the output register and generate the echo
clocks.
The C and
C clocks may be used to clock the data out of the output
register during read operations and to generate the echo clocks. C and
C must be presented to the SRAM within the timing tolerances. The
output data from the QDRII will be closely aligned to the C and
C input,
through the use of an internal DLL. When C is presented to the QDRII
SRAM, the DLL will have already internally clocked the first data word to
arrive at the device output simultaneously with the arrival of the C clock.
The
C and second data word of the burst will also correspond.
Single Clock Mode
The QDRII SRAM may be operated with a single clock pair. C and
C
may be disabled by tying both signals high, forcing the outputs and echo
clocks to be controlled instead by the K and
K clocks.
DLL Operation
The DLL in the output structure of the QDRII SRAM can be used to
closely align the incoming clocks C and
C with the output of the data,
generating very tight tolerances between the two. The user may disable
the DLL by holding
Doff low. With the DLL off, the C and C (or K and K
if C and
C are not used) will directly clock the output register of the SRAM.
With the DLL off, there will be a propagation delay from the time the clock
that is precisely timed to the data output, and tuned with matching imped-
ance and signal quality. The user can use the echo clock for down-
stream clocking of the data. Echo clocks eliminate the need for the user
to produce alternate clocks with precise timing, positioning, and signal
qualities to guarantee data capture. Since the echo clocks are generated
by the same source that drives the data output, the relationship to the data
is not significantly affected by voltage, temperature and process, as would
be the case if the clock were generated by an outside source.
All interfaces of the QDRII SRAM are HSTL, allowing speeds beyond
SRAM devices that use any form of TTL interface. The interface can be
scaled to higher voltages (up to 1.9V) to interface with 1.8V systems if
necessary. The device has a VDDQ and a separate Vref, allowing the
user to designate the interface operational voltage, independent of the
device core voltage of 1.8V VDD. The output impedance control allows
the user to adjust the drive strength to adapt to a wide range of loads and
transmission lines.
CQ,
CQ.
every 1024 clock cycles to correct for drifts in supply voltage and tem-
perature. If the user wishes to drive the output impedance of the SRAM
to it’s lowest value, the ZQ pin may be tied to VDDQ.
enters the device until the data appears at the output.


Similar Part No. - IDT71P72204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73104 IDT-IDT71P73104 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104167BQ IDT-IDT71P73104167BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104200BQ IDT-IDT71P73104200BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104250BQ IDT-IDT71P73104250BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
More results

Similar Description - IDT71P72204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com