Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70800PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V70800PF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70800PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V70800PF Datasheet HTML 6Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 7Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 8Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 9Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 10Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 11Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 12Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 13Page - Integrated Device Technology IDT72V70800PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V70800 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
TABLE 8 — FRAME INPUT OFFSET REGISTER (FOR) BITS
NOTE:
1. n denotes an input stream number from 0 to 3.
Name(1)
Description
OFn2, OFn1, OFn0
These three bits define how long the serial interface receiver takes to recognize and store bit 0 from the RX input pin: i.e., to
(Offset Bits 2, 1 & 0)
start a new frame. The input frame offset can be selected to +4.5 clock periods from the point where the external frame pulse
input signal is applied to the
F0i input of the device. See Figure 5.
DLEn
(Data Latch Edge)
ST-BUS® mode:
DLEn = 0, if clock rising edge is at the ¾ point of the bit cell.
DLEn = 1, if when clock falling edge is at the ¾ of the bit cell.
GCI mode:
DLEn = 0, if clock falling edge is at the ¾ point of the bit cell.
DLEn = 1, if when clock rising edge is at the ¾ of the bit cell.
Read/Write Address:
03H
Reset Value:
0000H
15
14
13
12
11
10
9876543210
OF32
OF31
OF30
DLE3
OF22
OF21
OF20
DLE2
OF12
OF11
OF10
DLE1
OF02
OF01
OF00
DLE0
FOR Register


Similar Part No. - IDT72V70800PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
More results

Similar Description - IDT72V70800PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200 Datasheet
145Kb / 24P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com